Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA2286 Datasheet(PDF) 39 Page - Micronas

Part # DMA2286
Description  DMA 2275, DMA 2286 C/D/D2-MAC Descrambler
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DMA2286 Datasheet(HTML) 39 Page - Micronas

Back Button DMA2286 Datasheet HTML 35Page - Micronas DMA2286 Datasheet HTML 36Page - Micronas DMA2286 Datasheet HTML 37Page - Micronas DMA2286 Datasheet HTML 38Page - Micronas DMA2286 Datasheet HTML 39Page - Micronas DMA2286 Datasheet HTML 40Page - Micronas DMA2286 Datasheet HTML 41Page - Micronas DMA2286 Datasheet HTML 42Page - Micronas DMA2286 Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
DMA 2275, DMA 2286
39
9.6.3. Characteristics at TA = 0 to 65 °C, VSUP = 4.75 to 5.25 V, fΦM = 20.25 MHz
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
ISUP
Supply Current
38, 63
–
120
160
mA
VIMDOL
IM Bus Data Output
Low Voltage
14
–
–
0.4
V
IIMO = 5 mA
IIMDOH
IM Bus Data Output
High Current
–
–
10
µA
VIMO = 5 V
tIM8
IM Bus Data Output Setup Time
before IM Bus Clock Input
14, 12
0
–
500
ns
tIM9
IM Bus Data Output Hold Time
after IM Bus Clock Input
0
–
–
ns
VVDOL
VBI Data Output Low Voltage
20
–
–
0.4
V
IL = 1.6 mA
VVDOH
VBI Data Output High Voltage
2.4
–
–
V
–IL = 0.1 mA
tVDOT
VBI Data Output Transition Time
–
–
10
ns
CL = 10 pF
tVDOD
VBI Data Output Delay Time
after falling edge of MCLK
20, 16
–
0
–
ns
VPDOL
Packet Data Output Low Voltage
21, 23
–
–
0.4
V
IL = 1.6 mA
VPDOH
Packet Data Output High Voltage
2.4
–
–
V
–IL = 0.1 mA
tPDOT
Packet Data Output
Transition Time
–
–
10
ns
CL = 10 pF
tPDOD
Packet Data Output Delay Time
after rising edge of MCLK
21, 23,
16
–
0
–
ns
VBOL
Baseband Output Low Voltage
24 to 31
–
–
0.4
V
IL= 1.6 mA
VBOH
Baseband Output High Voltage
2.4
–
–
V
IL = –0.1 mA
tBOT
Baseband Output
Transition Time
–
–
10
ns
CL = 10 pF
tBOD
Baseband Output Delay Time
after falling edge of MCLK
24 to
31, 16
–
20
–
ns
VIBOL
IM Bus Busy Output Low Voltage
47
–
–
0.4
V
IL = 1.6 mA
VIBOH
IM Bus Busy Output
High Voltage
2.4
–
–
V
–IL = 0.1 mA
tIBOT
IM Bus Busy Output
Transition Time
–
–
10
ns
CL = 10 pF
VSDOL
S Bus Data Output Low Voltage
66
–
–
0.3
V
ISO = 8 mA
ISDOH
S Bus Data Output High Current
–
–
10
µA
VSO = 5 V
tSDOD
S Bus Data Output Delay Time
after falling edge of ACLK
66, 65
–
20
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com