Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA2286 Datasheet(PDF) 35 Page - Micronas

Part # DMA2286
Description  DMA 2275, DMA 2286 C/D/D2-MAC Descrambler
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DMA2286 Datasheet(HTML) 35 Page - Micronas

Back Button DMA2286 Datasheet HTML 31Page - Micronas DMA2286 Datasheet HTML 32Page - Micronas DMA2286 Datasheet HTML 33Page - Micronas DMA2286 Datasheet HTML 34Page - Micronas DMA2286 Datasheet HTML 35Page - Micronas DMA2286 Datasheet HTML 36Page - Micronas DMA2286 Datasheet HTML 37Page - Micronas DMA2286 Datasheet HTML 38Page - Micronas DMA2286 Datasheet HTML 39Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
DMA 2275, DMA 2286
35
Pins 38 and 63 – Supply Voltage
These pins must be connected to the positive supply
voltage.
Pins 39 to 46 – Baseband B7 to B0 Input (Fig. 9–4)
Via these pins,the DMA 2275/2286 receives the digi-
tized baseband signal coming either from the VCU 2133
Video Codec in a 7–bit parallel Gray code or from any
other A/D converter in 8–bit parallel binary code.
Pin 47 – IM Bus Busy Output (Fig. 9–11)
This pin supplies a signal which indicates that the IM bus
interface of the DMA 2275/2286 is busy. As long as this
pin delivers a High level signal there should be no IM bus
transfer to or from the DMA 2275/2286.
Pin 49 – Acq. RAM Column Address Select Output (Fig.
9–10)
This pin supplies the Column Address select signal
(CAS) to the external acquisition RAM.
Pin 50 – Acq. RAM Data Input/Output (Fig. 9–8)
Pin 50 serves as output for writing data into the external
acquisition RAM and as input for reading data from that
RAM.
Pins 51 to 55 and 58 to 60 – Acq. RAM Address A0 to A7
Output (Fig. 9–10)
These pins are used for addressing the external acquisi-
tion RAM.
Pin 56 – Acq. RAM Read/Write Output (Fig. 9–10)
By means of this output the external acquisition RAM is
switched to the read or write mode as required.
Pin 57 – Acq. RAM Row Address Select Output (Fig.
9–10)
This pin supplies the Row Address Select signal (RAS)
to the external acquisition RAM.
Pin 64 – S Bus Ident Input (Fig. 9–3)
Via this input, the DMA 2286 receives the ident signal of
the serial 3–line S bus from the DMA 2281.
Pin 65 – Audio Clock Input (Fig. 9–5)
By means of this input, the DMA 2286 receives the re-
quired audio clock signal of 18.432 MHz from the DMA
2281.
Pin 66 – S Bus Data Output (Fig. 9–9)
This pin supplies the digital sound signal to the AMU
2481 Audio Mixer and can be connected to the S Bus
Data output of the DMA 2281. Only one S Bus Data out-
put should be activated for one S Bus sound channel.
Pin 68 – Sound RAM Column Address Select Output
(Fig. 9–11)
This pin supplies the Column Address Select signal
(CAS) to the external sound RAM.
9.5. Pin Circuits
The following figures schematically show the circuitry at
the various pins. The integrated protection structures
are not shown. The letter “P” means P–channel, the let-
ter “N” N–channel.
P
N
VSUP
GND
Fig. 9–3:
Input Pins 12, 13, 17, 19,
22 and 64
PP
NN
VSUP
GND
BIAS
Fig. 9–4:
Input Pins 39 to 46
P
N
P
N
GND
VSUP
Fig. 9–5:
Input Pins16 and 65
N
P
P
P
N
N
VSUP
GND
Fig. 9–6:
Input Pin 15
P
N
N
VSUP
Fig. 9–7:
Input/Output Pin 14
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com