Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA2286 Datasheet(PDF) 42 Page - Micronas

Part # DMA2286
Description  DMA 2275, DMA 2286 C/D/D2-MAC Descrambler
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DMA2286 Datasheet(HTML) 42 Page - Micronas

Back Button DMA2286 Datasheet HTML 38Page - Micronas DMA2286 Datasheet HTML 39Page - Micronas DMA2286 Datasheet HTML 40Page - Micronas DMA2286 Datasheet HTML 41Page - Micronas DMA2286 Datasheet HTML 42Page - Micronas DMA2286 Datasheet HTML 43Page - Micronas DMA2286 Datasheet HTML 44Page - Micronas DMA2286 Datasheet HTML 45Page - Micronas DMA2286 Datasheet HTML 46Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
DMA 2275, DMA 2286
42
9.6.5. Acquisition DRAM Interface Characteristics at TA = 0 to 65 °C, VSUP = 4.75 to 5.25 V, fΦM = 20.25 MHz
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VDIL
RAM Data Input Low Voltage
50
–
–
0.8
V
VDIH
RAM Data Input High Voltage
2.0
–
–
V
VDOL
RAM Data Output Low Voltage
–
–
0.4
V
IDO = 1.6 mA
VDOH
RAM Data Output High Voltage
2.4
–
–
V
–IDO = 0.1 mA
tDT
RAM Data Output
Transition Time
3
–
10
ns
CL = 10 pF
tDIS
RAM Data Input Setup Time
before CAS Output High
50, 49,
57
–
–
50
ns
tDIH
RAM Data Input Hold Time
after CAS Output High
25
–
45
ns
tDHR
RAM Data Output Hold Time
after RAS Output Low
250
–
–
ns
tDS
RAM Data Output Setup Time
before CAS Output Low
40
–
–
ns
tDH
RAM Data Output Hold Time
after CAS Output Low
130
–
–
ns
VAOL
RAM Address Output
Low Voltage
51 to 55,
58 to 60
–
–
0.4
V
IAO = 1.6 mA
VAOH
RAM Address Output
High Voltage
2.4
–
–
V
–IAO = 0.1 mA
tAT
RAM Address Output
Transition Time
3
–
10
ns
CL = 10 pF
tRAH
Row Address Output Hold Time
after RAS Output Low
51 to 55,
58 to 60,
49 57
60
–
–
ns
tASR
Row Address Output Setup
Time before RAS Output Low
49, 57
100
–
–
ns
tAR
Column Address Output Hold
Time after RAS Output Low
80
–
–
ns
tCAH
Column Address Output Hold
Time after CAS Output Low
50
–
–
ns
tASC
Column Address Output Setup
Time before CAS Output Low
20
–
–
ns
VRASOL
RAS Output Low Voltage
57
–
–
0.4
V
IRASO = 1.6 mA
VRASOH
RAS Output High Voltage
2.4
–
–
V
–IRASO = 0.1 mA
tRAST
RAS Output Transition Time
3
–
10
ns
CL = 10 pF
tRAS
RAS Output Low Pulsewidth
–
1600
–
ns
tRP
RAS Output Precharge Time
100
–
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com