Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA2286 Datasheet(PDF) 37 Page - Micronas

Part # DMA2286
Description  DMA 2275, DMA 2286 C/D/D2-MAC Descrambler
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DMA2286 Datasheet(HTML) 37 Page - Micronas

Back Button DMA2286 Datasheet HTML 33Page - Micronas DMA2286 Datasheet HTML 34Page - Micronas DMA2286 Datasheet HTML 35Page - Micronas DMA2286 Datasheet HTML 36Page - Micronas DMA2286 Datasheet HTML 37Page - Micronas DMA2286 Datasheet HTML 38Page - Micronas DMA2286 Datasheet HTML 39Page - Micronas DMA2286 Datasheet HTML 40Page - Micronas DMA2286 Datasheet HTML 41Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
DMA 2275, DMA 2286
37
9.6.2. Recommended Operating Conditions
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
TA
Ambient Operating Temperature
–
0
–
65
°C
VSUP
Supply Voltage
38, 63
4.75
5.0
5.25
V
VIMIL
IM Bus Input Low Voltage
12 to 14
–
–
0.8
V
VIMIH
IM Bus Input High Voltage
2.0
–
–
V
Rext
External Pull–Up Resistor
1.0
–
–
k
Ω
fΦI
ΦI IM Bus Clock Frequency
0.05
–
1000
kHz
tIM1
ΦI Clock Input Delay Time
after IM Bus Ident Input
0
–
–
ns
tIM2
ΦI Clock Input Low Pulse Time
500
–
–
ns
tIM3
ΦI Clock Input High Pulse Time
500
–
–
ns
tIM4
ΦI Clock Input Setup Time
before Ident Input High
0
–
–
ns
tIM5
ΦI Clock Input Hold Time
after Ident Input High
250
–
–
ns
tIM6
ΦI Clock Input Setup Time
before Ident End–Pulse Input
1.0
–
–
µs
tIM7
IM Bus Data Input Delay Time
after
ΦI Clock Input
0
–
–
ns
tIM8
IM Bus Data Input Setup Time
before
ΦI Clock Input
0
–
–
ns
tIM9
IM Bus Data Input Hold Time
after
ΦI Clock Input
0
–
–
ns
tIM10
IM Bus Ident End–Pulse Low Time
1.0
–
–
µs
VREIL
Reset Input Low Voltage
15
–
–
0.8
V
VREIH
Reset Input High Voltage
2.0
–
–
V
tREIL
Reset Input Low Time
2
–
–
µs
VΦMIDC
ΦM Clock Input D.C. Voltage
16
1.5
–
3.5
V
VΦMIAC
ΦM Clock Input A.C. Voltage (p–p)
0.8
–
2.5
V
tΦMIH
tΦMIL
ΦM Clock Input
High/Low Ratio
0.9
1.0
1.1
–
tΦMIHL
ΦM Clock Input
High/Low Transition Time
–
–
0.15
fΦM
s
fΦM
ΦM Clock Input Frequency
–
20.25
–
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com