Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA2286 Datasheet(PDF) 38 Page - Micronas

Part # DMA2286
Description  DMA 2275, DMA 2286 C/D/D2-MAC Descrambler
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DMA2286 Datasheet(HTML) 38 Page - Micronas

Back Button DMA2286 Datasheet HTML 34Page - Micronas DMA2286 Datasheet HTML 35Page - Micronas DMA2286 Datasheet HTML 36Page - Micronas DMA2286 Datasheet HTML 37Page - Micronas DMA2286 Datasheet HTML 38Page - Micronas DMA2286 Datasheet HTML 39Page - Micronas DMA2286 Datasheet HTML 40Page - Micronas DMA2286 Datasheet HTML 41Page - Micronas DMA2286 Datasheet HTML 42Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
DMA 2275, DMA 2286
38
Recommended Operating Conditions, continued
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
VBBIL
Burst Bus Input Low Voltage
17, 19
–
–
0.8
V
VBBIH
Burst Bus Input High Voltage
2.0
–
–
V
VPDIL
Packet Data Input Low Voltage
22
–
–
0.8
V
VPDIH
Packet Data Input High Voltage
2.0
–
–
V
VBIL
Baseband Input Low Voltage
39 to 46
–
–
2.2
V
VBIH
Baseband Input High Voltage
2.8
–
–
V
tBIS
Baseband Input Setup Time
before falling edge of MCLK
39 to 46,
16
15
–
50
ns
tBIH
Baseband Input Hold Time
after falling edge of MCLK
0
–
–
ns
VSIIL
S Bus Ident Input Low Voltage
64
–
–
0.4
V
VSIIH
S Bus Ident Input High Voltage
2.0
–
–
V
tSIIL
S Bus Ident Input Low Time
150
–
–
ns
VΦAIDC
ΦA Clock Input D.C. Voltage
65
1.5
–
3.5
V
VΦAIAC
ΦA Clock Input A.C. Voltage (p–p)
0.8
–
2.5
V
tΦAH
tΦAL
ΦA Clock Input
High/Low Ratio
0.9
1.0
1.1
–
tΦA
ΦA Clock Input
High/Low Transition Time
–
–
0.15
fΦA
s
fΦA
ΦA Clock Input Frequency
–
18.432
–
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com