Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA2286 Datasheet(PDF) 32 Page - Micronas

Part # DMA2286
Description  DMA 2275, DMA 2286 C/D/D2-MAC Descrambler
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DMA2286 Datasheet(HTML) 32 Page - Micronas

Back Button DMA2286 Datasheet HTML 28Page - Micronas DMA2286 Datasheet HTML 29Page - Micronas DMA2286 Datasheet HTML 30Page - Micronas DMA2286 Datasheet HTML 31Page - Micronas DMA2286 Datasheet HTML 32Page - Micronas DMA2286 Datasheet HTML 33Page - Micronas DMA2286 Datasheet HTML 34Page - Micronas DMA2286 Datasheet HTML 35Page - Micronas DMA2286 Datasheet HTML 36Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
DMA 2275, DMA 2286
32
Pin Connections, continued
Pin Nr.
Signal Name
DMA 2275
Signal Name
DMA 2286
I/O
Symbol
19
Burst Data
Input
BDAT
20
VBI Data
Output
VBIDAT
21
Corrected Packet Data
Output
CPDAT
22
Packet Data
Input
PDAT
23
Descrambled Packet Data
Output
DPDAT
24
Baseband B0
Output
BO0
25
Baseband B1
Output
BO1
26
Baseband B2
Output
BO2
27
Baseband B3
Output
BO3
28
Baseband B4
Output
BO4
29
Baseband B5
Output
BO5
30
Baseband B6
Output
BO6
31
Baseband B7
Output
BO7
32
Ground
Supply
GND
33
Ground
Test Output
GND
34
Ground
Test Output
GND
35
Ground
Test Input
GND
36
Ground
Test Input
GND
37
Leave Vacant
38
Supply Voltage, +5 V
Supply
VSUP
39
Baseband B7
Input
BI7
40
Baseband B6
Input
BI6
41
Baseband B5
Input
BI5
42
Baseband B4
Input
BI4
43
Baseband B3
Input
BI3
44
Baseband B2
Input
BI2
45
Baseband B1
Input
BI1
46
Baseband B0
Input
BI0
47
IM Bus Busy
Output
IMBUS
48
Ground
Test Input
GND
49
Acq. RAM CAS
Output
ACAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com