Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA2286 Datasheet(PDF) 33 Page - Micronas

Part # DMA2286
Description  DMA 2275, DMA 2286 C/D/D2-MAC Descrambler
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DMA2286 Datasheet(HTML) 33 Page - Micronas

Back Button DMA2286 Datasheet HTML 29Page - Micronas DMA2286 Datasheet HTML 30Page - Micronas DMA2286 Datasheet HTML 31Page - Micronas DMA2286 Datasheet HTML 32Page - Micronas DMA2286 Datasheet HTML 33Page - Micronas DMA2286 Datasheet HTML 34Page - Micronas DMA2286 Datasheet HTML 35Page - Micronas DMA2286 Datasheet HTML 36Page - Micronas DMA2286 Datasheet HTML 37Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
DMA 2275, DMA 2286
33
Pin Connections, continued
Pin Nr.
Signal Name
DMA 2275
Signal Name
DMA 2286
I/O
Symbol
50
Acq. RAM Data
Output
ADIO
51
Acq. RAM Address A0
Output
AA0
52
Acq. RAM Address A1
Output
AA1
53
Acq. RAM Address A2
Output
AA2
54
Acq. RAM Address A3
Output
AA3
55
Acq. RAM Address A4
Output
AA4
56
Acq. RAM Read/Write
Output
AR/W
57
Acq. RAM RAS
Output
ARAS
58
Acq. RAM Address A5
Output
AA5
59
Acq. RAM Address A6
Output
AA6
60
Acq. RAM Address A7
Output
AA7
61
Ground
Supply
GND
62
Ground
Test Input
GND
63
Supply Voltage, +5 V
Supply
VSUP
64
Leave Vacant
S_Bus Ident
Input
SBI
65
Leave Vacant
Audio Clock
Input
ACLK
66
Leave Vacant
S_Bus Data
Output
SBD
67
Leave Vacant
68
Leave Vacant
Sound RAM CAS
Output
SCAS
Note: Symbols for pin numbers 1 to 11, 64 to 66 and 68 are valid only for DMA 2286.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com