Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA2286 Datasheet(PDF) 36 Page - Micronas

Part # DMA2286
Description  DMA 2275, DMA 2286 C/D/D2-MAC Descrambler
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DMA2286 Datasheet(HTML) 36 Page - Micronas

Back Button DMA2286 Datasheet HTML 32Page - Micronas DMA2286 Datasheet HTML 33Page - Micronas DMA2286 Datasheet HTML 34Page - Micronas DMA2286 Datasheet HTML 35Page - Micronas DMA2286 Datasheet HTML 36Page - Micronas DMA2286 Datasheet HTML 37Page - Micronas DMA2286 Datasheet HTML 38Page - Micronas DMA2286 Datasheet HTML 39Page - Micronas DMA2286 Datasheet HTML 40Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
DMA 2275, DMA 2286
36
Fig. 9–8:
Input/Output Pins
1 and 50
PP
NN
VSUP
GND
VSUP
GND
N
Fig. 9–9:
Output Pin 66
P
N
VSUP
GND
Fig. 9–10:
Output Pins 49, 51 to 60
P
N
VSUP
GND
Fig. 9–11:
Output Pins 2 to 11, 20,
21, 23 to 31, 47 and 68
9.6. Electrical Characteristics
All voltages are referred to ground.
9.6.1. Absolute Maximum Ratings
Symbol
Parameter
Pin No.
Min.
Max.
Unit
TA
Ambient Operating Temperature
–
0
65
°C
TS
Storage Temperature
–
–40
+125
°C
VSUP
Supply Voltage
38, 63
–
6
V
VI
Input Voltage, all Inputs
–
–0.3 V
VSUP
–
VO
Output Voltage, all Outputs
–
–0.3 V
VSUP
–
IO
Output Current, all Outputs
–
–10
+10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com