Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA2286 Datasheet(PDF) 31 Page - Micronas

Part # DMA2286
Description  DMA 2275, DMA 2286 C/D/D2-MAC Descrambler
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DMA2286 Datasheet(HTML) 31 Page - Micronas

Back Button DMA2286 Datasheet HTML 27Page - Micronas DMA2286 Datasheet HTML 28Page - Micronas DMA2286 Datasheet HTML 29Page - Micronas DMA2286 Datasheet HTML 30Page - Micronas DMA2286 Datasheet HTML 31Page - Micronas DMA2286 Datasheet HTML 32Page - Micronas DMA2286 Datasheet HTML 33Page - Micronas DMA2286 Datasheet HTML 34Page - Micronas DMA2286 Datasheet HTML 35Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
DMA 2275, DMA 2286
31
9. Specifications
9.1. Outline Dimensions
Fig. 9–1: DMA 2275/2286 in 68–pin PLCC package
Weight approx. 4.5 g,
Dimensions in mm
9.2. Pin Connections
Pin Nr.
Signal Name
DMA 2275
Signal Name
DMA 2286
I/O
Symbol
1
Leave Vacant
Sound RAM Data
Input/Output
SDIO
2
Leave Vacant
Sound RAM Address A0
Output
SA0
3
Leave Vacant
Sound RAM Address A1
Output
SA1
4
Leave Vacant
Sound RAM Address A2
Output
SA2
5
Leave Vacant
Sound RAM Address A3
Output
SA3
6
Leave Vacant
Sound RAM Address A4
Output
SA4
7
Leave Vacant
Sound RAM Read/Write
Output
SR/W
8
Leave Vacant
Sound RAM RAS
Output
SRAS
9
Leave Vacant
Sound RAM Address A5
Output
SA5
10
Leave Vacant
Sound RAM Address A6
Output
SA6
11
Leave Vacant
Sound RAM Address A7
Output
SA7
12
IM Bus Clock
Input
IMC
13
IM Bus Ident
Input
IMI
14
IM Bus Data
Input/Output
IMD
15
Reset
Input
RES
16
ΦM Main Clock
Input
MCLK
17
Burst Sync
Input
BSYNC
18
Leave Vacant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com