Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA2286 Datasheet(PDF) 41 Page - Micronas

Part # DMA2286
Description  DMA 2275, DMA 2286 C/D/D2-MAC Descrambler
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DMA2286 Datasheet(HTML) 41 Page - Micronas

Back Button DMA2286 Datasheet HTML 37Page - Micronas DMA2286 Datasheet HTML 38Page - Micronas DMA2286 Datasheet HTML 39Page - Micronas DMA2286 Datasheet HTML 40Page - Micronas DMA2286 Datasheet HTML 41Page - Micronas DMA2286 Datasheet HTML 42Page - Micronas DMA2286 Datasheet HTML 43Page - Micronas DMA2286 Datasheet HTML 44Page - Micronas DMA2286 Datasheet HTML 45Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
DMA 2275, DMA 2286
41
Sound DRAM Interface Characteristics, continued
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VCASOL
CAS Output Low Voltage
68
–
–
0.4
V
ICASO = 1.6 mA
VCASOH
CAS Output High Voltage
2.4
–
–
V
–ICASO = 0.1 mA
tCAST
CAS Output Transition Time
3
–
10
ns
CL = 10 pF
tCP
CAS Output Precharge Time
70
–
–
ns
tCAS
CAS Output Low Pulsewidth
95
–
150
ns
tPC
Page Mode Cycle Time
170
–
–
ns
tRSH
RAS Output Hold Time after
CAS Output Low
8, 68
110
–
–
ns
tRCD
CAS Output Delay Time after
RAS Output
45
–
–
ns
tCSH
CAS Output Hold Time after
RAS Output Low
170
–
–
ns
tCRP
CAS Output Precharge Time
before RAS Output Low
150
–
–
ns
VWOL
WRITE Output Low Voltage
7
–
–
0.4
V
IWO = 1.6 mA
VWOH
WRITE Output High Voltage
2.4
–
–
V
–IWO = 0.1 mA
tWT
WRITE Output Transition Time
3
–
10
ns
CL = 10 pF
tCWL
WRITE Output Low before CAS
Output High
7, 8, 68
180
–
–
ns
tWCH
WRITE Output Hold Time
after CAS Output Low
80
–
–
ns
tRCH
WRITE Output Hold Time
after CAS Output High
50
–
–
ns
tRRH
WRITE Output Hold Time
after RAS Output High
20
–
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com