Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMIPID02 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STMIPID02
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STMIPID02 Datasheet HTML 40Page - STMicroelectronics STMIPID02 Datasheet HTML 41Page - STMicroelectronics STMIPID02 Datasheet HTML 42Page - STMicroelectronics STMIPID02 Datasheet HTML 43Page - STMicroelectronics STMIPID02 Datasheet HTML 44Page - STMicroelectronics STMIPID02 Datasheet HTML 45Page - STMicroelectronics STMIPID02 Datasheet HTML 46Page - STMicroelectronics STMIPID02 Datasheet HTML 47Page - STMicroelectronics STMIPID02 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
14
PCB layout guide
The usual good PCB design rules should be observed for the layout of the STMIPID02.
Power and ground planes should be used to supply power to the STMIPID02.
The high-speed signal pairs (CLKP1, CLKN1), (DATA1P1, DATA1N1), (DATA2P1, DATA2N1), (CLKP2, CLKN2)
and (DATA1P2, DATA1N2) should be routed as balanced transmission lines with a characteristic differential
impedance (Zodiff) of 100 Ω, and matched in length.
The delay difference between Cclock lane, data lane1 and data lane2 should be less than 5 ps.
The total series resistance of the CSI line should be less than 5 Ω.
For more details, please refer to the MIPI Alliance Specification for D-PHY”, version 0.90.00, 8 October 2007,
Section 7 "Interconnect and Lane Configuration" and Annex B "Interconnect Design Guidelines".
The output interface clock (PCLK) should be 50 Ω adapted.
The output clock (PCLK) and data line length from the STMIPID02 to the host should be as small as possible to
avoid reflection effects.
All passive components for the STMIPID02 should be placed in close proximity to the device, including the
decoupling capacitors.
The recommended pull up value of the I2C is in the range 2480 Ω to2780 Ω for a bus load capacitance below 100
pF.
The recommended capacitor values are:
10 nF on VDD1V2
100 nF on VDDIN_LDO and VDDE_1V8
1 µF (low ESR <1 Ω) on VDDOUT_LDO
STMIPID02
PCB layout guide
DS12803 - Rev 1
page 44/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com