Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMIPID02 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STMIPID02
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STMIPID02 Datasheet HTML 4Page - STMicroelectronics STMIPID02 Datasheet HTML 5Page - STMicroelectronics STMIPID02 Datasheet HTML 6Page - STMicroelectronics STMIPID02 Datasheet HTML 7Page - STMicroelectronics STMIPID02 Datasheet HTML 8Page - STMicroelectronics STMIPID02 Datasheet HTML 9Page - STMicroelectronics STMIPID02 Datasheet HTML 10Page - STMicroelectronics STMIPID02 Datasheet HTML 11Page - STMicroelectronics STMIPID02 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
5
Application examples
Figure 6. Application examples
Host
system
Strobe
Data (650Mbps)
3MP @ 15fps @ 10-b
SMIA CCP2
10-b @ 65MHz
STMIPID02
PCLK = 65MHz
Host
system
DDR Clock (400MHz)
Data1 (800Mbps)
3MP @ 20fps @ 10-b
MIPI CSI-2
800Mbps, RAW10
10-b @ 80MHz
PCLK = 80MHz
Host
system
Strobe
Data1 (650Mbps)
5MP @ 15fps @ 10-b
SMIA CCP2
10-b @ 92.8MHz
PCLK = 92.8MHz
Host
system
DDR Clock (384MHz)
Data1 (768Mbps)
5MP @ 15fps @ 10-b
MIPI CSI-2
768Mbps, 10b-8b Compressed
10-b @ 96MHz
PCLK = 96MHz
Host
system
DDR Clock (360MHz)
Data1 (720Mbps)
Data2 (720Mbps)
8MP @ 12fps @ 12-b
MIPI CSI-2
1.44Gbps, RAW12
12-b @ 120MHz
PCLK = 120MHz
650Mbps, RAW10
650Mbps, 10b-7b Compressed
STMIPID02
STMIPID02
STMIPID02
STMIPID02
STMIPID02
Application examples
DS12803 - Rev 1
page 8/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com