Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMIPID02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STMIPID02
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02 Datasheet(HTML) 1 Page - STMicroelectronics

  STMIPID02 Datasheet HTML 1Page - STMicroelectronics STMIPID02 Datasheet HTML 2Page - STMicroelectronics STMIPID02 Datasheet HTML 3Page - STMicroelectronics STMIPID02 Datasheet HTML 4Page - STMicroelectronics STMIPID02 Datasheet HTML 5Page - STMicroelectronics STMIPID02 Datasheet HTML 6Page - STMicroelectronics STMIPID02 Datasheet HTML 7Page - STMicroelectronics STMIPID02 Datasheet HTML 8Page - STMicroelectronics STMIPID02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
VFBGA
Features
Dual mode camera de-serializer
MIPI CSI-2 receivers
Two-camera interface support
One 1.6 Gbps dual data lane receiver for main camera with selectable 1/2
lane operation
One 800 Mbps single data lane receiver for second camera
Each MIPI D-PHY interface has a 400 MHz DDR clock lane
MIPI D-PHY Pass through mode
Selectable 0.81 or 0.9 D-PHY revision specification
SMIA CCP2 receivers
Two-camera interface support
650 Mbps class 2 receivers with selectable data/clock and data/strobe
operation
Support for MIPI CSI-2 and SMIA CCP2 RAW6, RAW7, RAW8 (generic),
RAW10 and RAW12 Raw Bayer format data unpacking
Support for YUV, RGB and JPEG formats
Support for SMIA 8-10, 7-10, 6-10, 10-12,8-12, 7-12, and 6-12 DPCM/PCM
decompression options
1V8, 200 MHz,12-bit parallel output interface
HSYNC, VSYNC, and continuous PCLK output data qualification signal
Tristate-able output for dual camera systems
Error interrupt output (D-PHY and protocol)
MIPI CSI-2 short packet interrupt output
2-wire 100/400 kHz control interface (I2C compatible slave) to configure D-PHY
timeouts and pixel data unpacking/decompression options
Integrated power on reset cell
Digital power supply: 1.7 V to 1.9 V
Integrated 1.2 V regulator for D-PHY and core logic
VFBGA 49 ball, 3 mm x 3 mm x 1 mm, 0.4 mm pitch, 0.25 mm ball package
Lead-free RoHS compliant product
Description
The STMIPID02 is a dual mode MIPI CSI-2 / SMIA CCP2 de-serializer targeted at
mobile camera phone applications. Manufactured using ST 65 nm process, it
integrates two MIPI CSI-2 / SMIA CCP2 receivers. The STMIPID02 can then support
the main and the second cameras of a mobile camera phone.
One of the two MIPI CSI-2 receivers is a dual lane receiver allowing connection to
high resolution / high frame rate cameras.
The SMIA CCP2 compatible receivers share the same input balls as the MIPI CSI-2
receivers.
STMIPID02’s 12-bit parallel output interface is capable of outputting de-serialized
pixel data at rates up to 200 MHz.
Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
STMIPID02
Datasheet
DS12803 - Rev 1 - October 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STMIPID02

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
STM APEX-ELECTRONICS-STM Datasheet
725Kb / 6P
Miniature toggle switches
logo
Applied Motion Products...
STM AMP-STM Datasheet
5Mb / 16P
Integrated Steppers
logo
List of Unclassifed Man...
STM-001T-P06 ETC2-STM-001T-P06 Datasheet
69Kb / 1P
UNCONTROLLED ISSUE
STM-1116 ETC-STM-1116 Datasheet
180Kb / 6P
800 - 1000 MHz High Linearity Active Transmit Mixer
logo
SIRENZA MICRODEVICES
STM-1116 SIRENZA-STM-1116 Datasheet
182Kb / 6P
800 - 1000 MHz High Linearity Active Transmit Mixer
More results

Similar Description - STMIPID02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC358743 TOSHIBA-TC358743 Datasheet
194Kb / 3P
HDMI video and audio streams into MIPI CSI-2 data to enable Application Processors with MIPI CSI-2
logo
Texas Instruments
DS90UB953-Q1 TI1-DS90UB953-Q1 Datasheet
136Kb / 7P
MIPI CSI-2 FPD-Link III Serializer
logo
Cypress Semiconductor
CYUSB306X CYPRESS-CYUSB306X Datasheet
720Kb / 37P
EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
logo
Texas Instruments
DS90UB936-Q1 TI1-DS90UB936-Q1 Datasheet
1Mb / 151P
Dual, 2.5 Gbps, FPD-Link III Deserializer Hub With MIPI CSI-2 Outputs
DS90UB935-Q1 TI1-DS90UB935-Q1 Datasheet
1Mb / 88P
FPD-Link III 3-Gbps Serializer With CSI-2 Interface
logo
Rohm
BU18TM41-C ROHM-BU18TM41-C Datasheet
859Kb / 11P
Clockless Link-BD Serializer with MIPI CSI-2 Interface for Automotive
25.Mar.2021 Rev.001
logo
Diodes Incorporated
PI2MEQX2505 DIODES-PI2MEQX2505 Datasheet
1Mb / 17P
MIPI CSI-2/DSI D-PHY ReDriver
Rev 2 - 2 February 2022
logo
Analog Devices
MAX96717R AD-MAX96717R Datasheet
1Mb / 142P
CSI-2 to GMSL2 Serializer
19-101157; Rev 1; 3/23
MAX96717 AD-MAX96717 Datasheet
6Mb / 235P
CSI-2 to GMSL2 Serializer
19-100942; Rev 4; 5/23
logo
Texas Instruments
TSER9615 TI1-TSER9615 Datasheet
1Mb / 11P
TSER9615 V3LinkTM 7.55 Gbps Serializer MIPI CSI-2 Interface for High-Speed, High- Resolution Cameras, RADAR, and Other Sensors
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com