Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMIPID02 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STMIPID02
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02 Datasheet(HTML) 3 Page - STMicroelectronics

  STMIPID02 Datasheet HTML 1Page - STMicroelectronics STMIPID02 Datasheet HTML 2Page - STMicroelectronics STMIPID02 Datasheet HTML 3Page - STMicroelectronics STMIPID02 Datasheet HTML 4Page - STMicroelectronics STMIPID02 Datasheet HTML 5Page - STMicroelectronics STMIPID02 Datasheet HTML 6Page - STMicroelectronics STMIPID02 Datasheet HTML 7Page - STMicroelectronics STMIPID02 Datasheet HTML 8Page - STMicroelectronics STMIPID02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
1
Block diagram
Figure 1. Block diagram
SCL
SDA
EXTCLK
CLKP1
CLKN1
DATA1P1
DATA1N1
D[11:0]
VSYNC
ERROR
INT
I2C
slave
SMIA CCP2 RX
Clock
MIPI CSI-2 RX
STMIPID02
Slave clock lane module
manager
400kHz
1.2V voltage
regulator (LDO)
JTAG
controller
Clock recovery &
de-serializer
Clock lane
control
interface
logic
Slave data lane module
Data lane
control
interface
logic
MIPI D-PHY RX
Protocol
DATA2P1
DATA2N1
Data Lane 1.2
80-800Mbps
Data Lane 1.1
80-800Mbps
Clock Lane 1
40-400MHz
HSYNC
PCLK (up to 200MHz)
Power
on
reset
VDDOUT_LDO
6.0MHz - 27MHz
1V8 12-bit parallel
interface @ 200MHz
1V8
Doubles
as CCP2
data &
clock/strobe
inputs
XSDN
Slave data lane module
Data lane
control
interface
logic
CLKP2
CLKN2
DATA1P2
DATA1N2
Slave clock lane module
Clock lane
control
interface
logic
Data Lane 2
80-800Mbps
Clock Lane 2
40-400MHz
Slave data lane module
Data lane
control
interface
logic
Doubles
as CCP2
data &
clock/strobe
inputs
STMIPID02
Block diagram
DS12803 - Rev 1
page 3/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com