Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMIPID02 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STMIPID02
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STMIPID02 Datasheet HTML 8Page - STMicroelectronics STMIPID02 Datasheet HTML 9Page - STMicroelectronics STMIPID02 Datasheet HTML 10Page - STMicroelectronics STMIPID02 Datasheet HTML 11Page - STMicroelectronics STMIPID02 Datasheet HTML 12Page - STMicroelectronics STMIPID02 Datasheet HTML 13Page - STMicroelectronics STMIPID02 Datasheet HTML 14Page - STMicroelectronics STMIPID02 Datasheet HTML 15Page - STMicroelectronics STMIPID02 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
8
Functional description
8.1
Power up sequence
Please find below the timing of the power up sequence.
Figure 8. Power up sequence
VDDIN_LDO
XSDN
EXTCLK
VDDOUT_LDO
POR_SGN
T1
T2
T3
Table 4. Power up sequence timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
T1
Time between
power up and LDO
enable
VDDIN_LDO
stable
+inf
s
T2
Time between
XSDN and CORE
power up (LDO out
rise to 1.2 V)
5
ms
T3
Time between
CORE power up to
1.2 V and reset
generation
20
µs
STMIPID02
Functional description
DS12803 - Rev 1
page 12/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com