Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMIPID02 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STMIPID02
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STMIPID02 Datasheet HTML 37Page - STMicroelectronics STMIPID02 Datasheet HTML 38Page - STMicroelectronics STMIPID02 Datasheet HTML 39Page - STMicroelectronics STMIPID02 Datasheet HTML 40Page - STMicroelectronics STMIPID02 Datasheet HTML 41Page - STMicroelectronics STMIPID02 Datasheet HTML 42Page - STMicroelectronics STMIPID02 Datasheet HTML 43Page - STMicroelectronics STMIPID02 Datasheet HTML 44Page - STMicroelectronics STMIPID02 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
12
Application schematics
The application schematic given below shows an example of the STMIPID02 application with a CSI-2 sensor.
Figure 16. STMIPID02 recommended schematic with camera 1 (CSI-2) and camera 2 (CCP2)
Camera 1
EXTCLK
DATA+
CLK-
DATA1P2
CLKP2
STMIPID02
EXTCLK
System clock
PowerdownN
TCK
TDI TMS
XSDN
DATA1N2
CLKN2
XSHUTDOWN
VDDOUT_LDO
DATA-
CLK+
TDO
DATA1P1
CLKP1
DATA1N1
CLKN1
GND_1V2
LDO_TST
DNC
1V8
Differential pair, Zodiff=100R
Differential pair, Zodiff=100R
1uF
Low ESR
VDIG see 2
DNC see 1
DGND
VANA see 2
1V8
2V8
2
DNC
AGND
1V8
100nF
VDDIN_LDO
VDDE_1V8
1V8
100nF
GNDE
3
GNDE_LDO
GND_PHY
Sensor 0
1. DNC = do not connect.
VDD_1V2
DATA2P1
DATA2N1
D[11:0]
PCLK
VSYNC
HSYNC
12
}Paralleloutput
data interface
SDA
SCL
1V8
SDA
SCL
} I2Cserial
control interface
5
2. VDIG & VANA decoupling capacitors
are integrated to VB962 module.
10nF
Camera 2
EXTCLK
DATA+
CLK-
XSHUTDOWN
DATA-
CLK+
VDIG
DGND
VANA
1V8
2V8
2
AGND
Sensor 1
SDA
SCL
Differential pair, Zodiff=100R
Differential pair, Zodiff=100R
100nF
VCAP see 3
100nF
100nF
3. VCAP is optionnal.
POR_SGN
POR_TST
STMIPID02
Application schematics
DS12803 - Rev 1
page 41/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com