Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMIPID02 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STMIPID02
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STMIPID02 Datasheet HTML 30Page - STMicroelectronics STMIPID02 Datasheet HTML 31Page - STMicroelectronics STMIPID02 Datasheet HTML 32Page - STMicroelectronics STMIPID02 Datasheet HTML 33Page - STMicroelectronics STMIPID02 Datasheet HTML 34Page - STMicroelectronics STMIPID02 Datasheet HTML 35Page - STMicroelectronics STMIPID02 Datasheet HTML 36Page - STMicroelectronics STMIPID02 Datasheet HTML 37Page - STMicroelectronics STMIPID02 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
10
Generic script
Below is a generic script which users can start with.
WriteByte(0x0002, 0x15) means that the I2C driver writes 0x15 in register address 0x002.
// MAIN CAMERA CLOCK LANE 1 (CLKP1, CLKN1)
WriteByte(0x0002, 0x15);
// Enable Clock Lane 1 (CLKP1, CLKN1) and UI programmation: 0x15 between 400MHz and 334Mhz, ,
0x19 between 333 and 286MHz, 0x1D between 285 and 250MHz,0x21 between 249 and 223MHz, 0x25
between 222 and 200Mhz and so on
WriteByte(0x0004, 0x02);
// 0x1c CCP mode , 0x02 CSI mode on main camera
//
MAIN CAMERA DATA LANE 1.1 (DATA1P1, DATA1N1)
WriteByte(0x0005, 0x03);
// 0x03 Enable Data Lane 1.1 (DATA1P1, DATA1N1), 0x00 disable Data lane 1.1
WriteByte(0x0006, 0x01);
// 0x01 for CSI mode set on Data Lane 1.1 (DATA1P1, DATA1N1), 0x0e for CCP mode on Data Lane 1.1
(DATA1P1, DATA1N1)
//
MAIN CAMERA DATA LANE 1.2 (DATA2P1, DATA2N1)
WriteByte(0x0009, 0x00);
// 0x00 disable Data Lane 1.2 (DATA2P1, DATA2N1). CSI dual lane or second lane, Enable Data Lane
1.2: 0x01
WriteByte(0x000a, 0x01);
// CSI dual lane or second lane, set CSI mode 0x01, CCP second lane, set CCP 0x0e
// SECOND CAMERA CLOCK LANE 2 (CLKP2, CLKN2)
WriteByte(0x0031, 0x14);
// Disable second camera: 0x00. Second camera: Enable Clock Lane 2 (CLKP1, CLKN1) and UI
programmation: 0x17 between 400MHz and 334Mhz, , 0x1B between 333 and 286MHz, 0x1F between
285 and 250MHz,0x23 between 249 and 223MHz, 0x27 between 222 and 200Mhz and so on
WriteByte(0x0033, 0x1c);
// Second camera CCP/CSI(CLKP2, CLKN2, DATAP2, DATAN2) : CCP 0x1c or CSI 0x02
// SECOND CAMERA DATA LANE 2 (DATA1P2, DATA1N2)
WriteByte(0x0034, 0x00);
// 0x00 Disable Data Lane2 , Enable Data lane 2: 0x01 (for CCP or CSI)
WriteByte(0x0035, 0x0e);
// CCP 0x0e, CSI 0x01 on second camera
// CCP MODE (unused in CSI mode)
WriteByte(0x000d, 0x00);
// For CCP main camera,CCP Data clock mode 0x00, CCP data strobe mode 0x01
WriteByte(0x000e, 0x28);
// For CCP mode, Pixel width: 0x30 for 12bits, 0x28 for 10bits,0x20 for 8bits, 0x1C for 7bits,0x18 for 6bits
WriteByte(0x0038, 0x00);
// For CCP 2nd camera, CCP Data clock mode 0x00, CCP data strobe mode 0x01
// MODE CONTROL
WriteByte(0x0014, 0x40);
// No decompression: 0x41
For CCP, 0x40 for CSi single lane, 0x42 for CSi dual lane. Decompression
mode please refer to datasheet/register map.
WriteByte(0x0015, 0x00);
// Normal (non Tristated output), continious clock, clock polarity and synchronization signals not inverted
WriteByte(0x0036, 0x20);
// Enable compensation macro, 0.90Rev of DPHY. 0x20 for main camera, 0x21 for second camera
// Enable compensation macro, 0.81Rev of DPHY. 0x24 for main camera, 0x29 for second camera
WriteByte(0x0017, 0x00);
// Data type: 0x1E YUV422 8-bit, 0x1F YUV422 10-bit, 0x22 RGB565, 0x2A RAW8, 0x2B RAW10,
0x2C RAW12, for other mode please refer to CSI specifications
WriteByte(0x0018, 0x00);
// Data type of embedded data: 0x1E YUV422 8-bit, 0x1F YUV422 10-bit, 0x22 RGB565, 0x2A RAW8,
0x2B RAW10, 0x2C RAW12, for other mode please refer to CSI specifications
WriteByte(0x0019, 0x00);
// 0X00 Data type and pixel width extracted from data stream, 0x04 Data type programmed, pixel width
extracted from data type, 0x0c Data type and pixel width programmed
// MANDATORY FOR CCP MODE AND DECOMPRESSION MODE (unused for uncompressed image
format in CSI mode)
WriteByte(0x001b, 0x00); // LSB of the active lines number
WriteByte(0x001a, 0x00);
// MSB of the active lines number
WriteByte(0x001d, 0x00); // LSB of the embedded lines number (aka status lines number)
WriteByte(0x001c, 0x00);
// MSB of the embedded lines number (aka status lines number)
// PIXEL WIDTH and decompression ON/OFF
WriteByte(0x001e, 0x00);
//
Image data not compressed: 0x06 for Raw6, 0x07 for Raw7, 0x08 for 8 bits, 0x0A for 10bits, 0x0c for
Raw12. Image data compressed:0x1a for 12-10, 0x18 for 12-8 and 10-8, 0x17 for 12-7 and 10-7, 0x16 for
12-6 and 10-6
WriteByte(0x001f, 0x00);
// Embedded data not compressed: 0x06 for Raw6, 0x07 for Raw7, 0x08 for 8 bits, 0x0A for 10bits, 0x0c
for Raw12. Embedded data compressed:0x1a for 12-10, 0x18 for 12-8 and 10-8, 0x17 for 12-7 and 10-7,
0x16 for 12-6 and 10-6
STMIPID02
Generic script
DS12803 - Rev 1
page 34/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com