Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMIPID02 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STMIPID02
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STMIPID02 Datasheet HTML 34Page - STMicroelectronics STMIPID02 Datasheet HTML 35Page - STMicroelectronics STMIPID02 Datasheet HTML 36Page - STMicroelectronics STMIPID02 Datasheet HTML 37Page - STMicroelectronics STMIPID02 Datasheet HTML 38Page - STMicroelectronics STMIPID02 Datasheet HTML 39Page - STMicroelectronics STMIPID02 Datasheet HTML 40Page - STMicroelectronics STMIPID02 Datasheet HTML 41Page - STMicroelectronics STMIPID02 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
Figure 10. EXTCLK electrical characteristics
1/fEXTCLK
VEXTCLKDC
VEXTCLKAC
11.5.2
I2C slave timing (SCL, SDA)
Table 13. I2C slave timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
fSCL
SCL clock frequency
100
400
kHz
tLOW
Clock pulse width low
1.3
µs
tHIGH
Clock pulse width high
0.6
tBUF
Bus free time between transmissions
1.3
tHD.STA
Start hold time
0.6
tSU.STA
Start setup time
0.6
tHD.DAT
Data hold time
0
0.9
tSU.DAT
Data setup time
100
ns
tR
SCL / SDA rise time (1)
300
tF
SCL / SDA fall time (1)
300
tSU.STO
Stop setup time
0.6
µs
1. Measured from 0.3 to 0.7 or 0.7 to 0.3 VDD
Figure 11. I2C slave timing
Stop
Start
tBUF
tLOW
tR
tF
tHIGH
tHD.STA
tHD.DAT
tSU.DAT
tSU.STA
tHD.STA
tSU.STO
SCL
SDA
Start
Stop
STMIPID02
AC electrical characteristics
DS12803 - Rev 1
page 38/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com