Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMIPID02 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STMIPID02
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02 Datasheet(HTML) 4 Page - STMicroelectronics

  STMIPID02 Datasheet HTML 1Page - STMicroelectronics STMIPID02 Datasheet HTML 2Page - STMicroelectronics STMIPID02 Datasheet HTML 3Page - STMicroelectronics STMIPID02 Datasheet HTML 4Page - STMicroelectronics STMIPID02 Datasheet HTML 5Page - STMicroelectronics STMIPID02 Datasheet HTML 6Page - STMicroelectronics STMIPID02 Datasheet HTML 7Page - STMicroelectronics STMIPID02 Datasheet HTML 8Page - STMicroelectronics STMIPID02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
2
Application diagrams
Figure 2. MIPI CSI-2 application diagram
100/400 kHz I2C
Baseband
or
processor
application
or
multi-media
processor
or
‘backend IC’
DDR Clock (40MHz -> 400MHz)
Data1 (80Mbps -> 800Mbps)
Data2 (80Mbps -> 800Mbps)
Main camera
module
with
MIPI CSI-2
interface
MIPI CSI-2
2 x 800Mbps
6-b, 7-b, 8-b,
// pixel data
STMIPID02
DDR Clock (40MHz -> 400MHz)
Data (80Mbps -> 800Mbps)
2nd camera
module
with
MIPI CSI-2
interface
MIPI CSI-2
1 x 800Mbps
If Parallel Output
or
parallel
interface
10-b or 12-b
Figure 3. SMIA CCP2 application diagram
Clock / Strobe
Data (up to 650Mbps)
SMIA CCP2 Class 2
1 x 650Mbps
100/400 kHz I2C
Baseband
or
processor
application
or
multi-media
processor
or
‘backend IC’
Main camera
module
with
SMIA CCP2
interface
6-b, 7-b, 8-b,
// pixel data
STMIPID02
2nd camera
module
with
SMIA CCP2
interface
SMIA CCP2 Class 2
1 x 650Mbps
If Parallel Output
or
Parallel
Interface
Clock / Strobe
Data (up to 650Mbps)
10-b or 12-b
STMIPID02
Application diagrams
DS12803 - Rev 1
page 4/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com