Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMIPID02 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STMIPID02
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STMIPID02 Datasheet HTML 9Page - STMicroelectronics STMIPID02 Datasheet HTML 10Page - STMicroelectronics STMIPID02 Datasheet HTML 11Page - STMicroelectronics STMIPID02 Datasheet HTML 12Page - STMicroelectronics STMIPID02 Datasheet HTML 13Page - STMicroelectronics STMIPID02 Datasheet HTML 14Page - STMicroelectronics STMIPID02 Datasheet HTML 15Page - STMicroelectronics STMIPID02 Datasheet HTML 16Page - STMicroelectronics STMIPID02 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
8.2
User modes
8.2.1
Standard modes
The output parallel interface outputs12 bits of data, HSYNC, VSYNC, and PCLK. It is recommended to enable the
compensation macro (controlled by Mode_Reg3[5], at address 0x36) for both Standard and Bypass modes.
CSI2/CSI2
•
Main camera: CSI2 up to 1.6 Gbps (with limitation detailed in Section 8.3 CSI2 limitations)
•
Second camera: CSI2 up to 800 Mbps
CSI2/CCP2
•
Main camera: CSI2 up to 1.6 Gbps (with limitation detailed in Section 8.3 CSI2 limitations)
•
Second camera: CCP2 up to 650 Mbps
CSI2/ITU-R601
•
Main camera: CSI2 up to 1.6 Gbps (with limitation detailed in Section 8.3 CSI2 limitations)
•
Second camera: YUV directly connected to baseband parallel interface
8.2.2
Bypass modes
Bypass mode is used for any activities or applications where only PHY is needed, example, 8-bit data.
CSI2/CSI2
•
Main camera: CSI2 up to 1.6 Gbps (with limitation detailed in Section 8.3 CSI2 limitations)
•
Second camera: CSI2 up to 800 Mbps
CSI2/ ITU-R601
•
Main camera: CSI2 up to 1.6 Gbps (with limitation detailed in Section 8.3 CSI2 limitations)
•
Second camera: YUV directly connected to baseband parallel interface
8.3
CSI2 limitations
The bandwidth is limited to 800 Mbps in RAW6/RAW7 dual lane inputs. This is irrespective of the compression
used or not
STMIPID02
User modes
DS12803 - Rev 1
page 13/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com