Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMIPID02 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STMIPID02
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STMIPID02 Datasheet HTML 32Page - STMicroelectronics STMIPID02 Datasheet HTML 33Page - STMicroelectronics STMIPID02 Datasheet HTML 34Page - STMicroelectronics STMIPID02 Datasheet HTML 35Page - STMicroelectronics STMIPID02 Datasheet HTML 36Page - STMicroelectronics STMIPID02 Datasheet HTML 37Page - STMicroelectronics STMIPID02 Datasheet HTML 38Page - STMicroelectronics STMIPID02 Datasheet HTML 39Page - STMicroelectronics STMIPID02 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
11.4
DC electrical characteristics
The values below apply over the operating conditions unless otherwise specified.
Table 8. I/O electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low
voltage
-0.3
0.3 VDD (1)
V
VIH
Input high
voltage
0.7 VDD (1)
VDD + 0.3 (1)
VOL
Output low
voltage
IOL < 2 mA, IOL
< 3 mA on SDA
VDD + 0.2 (1)
VOH
Output high
voltage
-IOH < 2 mA, -
IOL < 3 mA on
SDA
0.8 VDD (1)
IIL/IIH
Input leakage
current, input
balls
VSS < VIN < VDD
20
µA
Input leakage
current,I/O balls
10
VEXTCLKDC
Clock input
amplitude, DC
DC coupled
square wave
1.5
1.8
2.4
V
VEXTCLKAC
Clock input
amplitude, AC
AC coupled sine
wave
0.5
1
1.2
Vpp
CIN
SCL input
capacitance
TA = 25 °C,
freq. = 1 MHz
10
pF
CI/O
SDA input /
output
capacitance
10
1. VDD refers to the supply voltage (VDDE_1V8, VDDIN_LDO) to which the signal is referenced
Table 9. Power supply specifications for VDDIN_LDO
Symbol
Parameter
Test conditions
Typ.
Max.
Unit
IDDPD
VDD supply current
in Power down
mode
VDD = max; XSDN
< VIL
1
5
µA
IDDBYPASS
VDD supply current
in Bypass mode
VDD = max; image
format = RAW8;
input/ouput data
rate = 1.6 Gbps
CSI dual
25
30
mA
IDDNORMAL
VDD supply current
in Normal mode
VDD = max; CCP
RAW10 640 Mbps
18
40
VDD = max; CSI
single RAW10 800
Mbps
20
45
VDD = max; CSI
dual RAW12 1.6
Gbps
25
50
STMIPID02
DC electrical characteristics
DS12803 - Rev 1
page 36/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com