Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5021 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC5021
Description  High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5021 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC5021 Datasheet HTML 16Page - Microchip Technology MIC5021 Datasheet HTML 17Page - Microchip Technology MIC5021 Datasheet HTML 18Page - Microchip Technology MIC5021 Datasheet HTML 19Page - Microchip Technology MIC5021 Datasheet HTML 20Page - Microchip Technology MIC5021 Datasheet HTML 21Page - Microchip Technology MIC5021 Datasheet HTML 22Page - Microchip Technology MIC5021 Datasheet HTML 23Page - Microchip Technology MIC5021 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
2016 - 2021 Microchip Technology Inc. and its subsidiaries.
DS20005677B-page 21
MIC5021
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
MIC5021YM:
High-Speed, High-Side
MOSFET Driver with
Charge Pump and Over-
current Limit,
–40°C to +85°C (RoHS
Compliant),
8LD SOIC
b)
MIC5021YN:
High-Speed,
High-Side
MOSFET
Driver
with
Charge Pump and Over-
current Limit,
–40°C to +85°C (RoHS
Compliant),
8LD Plastic DIP
PART NO.
X
XX
Package
Temperature
Range
Device
Device:
MIC5021:
High-Speed, High-Side MOSFET Driver with
Charge Pump and Overcurrent Limit
Temperature
Range:
Y
=
–40C to +85C (RoHS Compliant)
Packages:
M
=
8-Pin SOIC
N
=
8-Pin Plastic DIP
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com