Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5021 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC5021
Description  High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5021 Datasheet(HTML) 4 Page - Microchip Technology

  MIC5021 Datasheet HTML 1Page - Microchip Technology MIC5021 Datasheet HTML 2Page - Microchip Technology MIC5021 Datasheet HTML 3Page - Microchip Technology MIC5021 Datasheet HTML 4Page - Microchip Technology MIC5021 Datasheet HTML 5Page - Microchip Technology MIC5021 Datasheet HTML 6Page - Microchip Technology MIC5021 Datasheet HTML 7Page - Microchip Technology MIC5021 Datasheet HTML 8Page - Microchip Technology MIC5021 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MIC5021
DS20005677B-page 4
2016 - 2021 Microchip Technology Inc. and its subsidiaries.
Gate Fall Time
tF
400
500
ns
Note 6
Max. Operating Frequency
fMAX
100
150
kHz
Note 7
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, GND = 0V, VDD = 12V, CT = OPEN,
Gate CL = 1500 pF (IRF540 MOSFET).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: When using sense MOSFETs, it is recommended that RSENSE < 50Ω. Higher values may affect the sense
MOSFET’s current transfer ratio.
2: DC measurement.
3: Input switched from 0.8V (TTL low) to 2.0V (TTL high), time for gate transition from 0V to 2V.
4: Input switched from 0.8V (TTL low) to 2.0V (TTL high), time for gate transition from 2V to 17V.
5: Input switched from 2.0V (TTL high) to 0.8V (TTL low), time for gate transition from 20V (gate on voltage)
to 17V.
6: Input switched from 2.0V (TTL high) to 0.8V (TTL low), time for gate transition from 17V to 2V.
7: Frequency where gate on voltage reduces to 17V with 50% input duty cycle.
8: Gate on time tG(ON) and tG(OFF) are not 100% production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com