Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5021 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC5021
Description  High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5021 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC5021 Datasheet HTML 3Page - Microchip Technology MIC5021 Datasheet HTML 4Page - Microchip Technology MIC5021 Datasheet HTML 5Page - Microchip Technology MIC5021 Datasheet HTML 6Page - Microchip Technology MIC5021 Datasheet HTML 7Page - Microchip Technology MIC5021 Datasheet HTML 8Page - Microchip Technology MIC5021 Datasheet HTML 9Page - Microchip Technology MIC5021 Datasheet HTML 10Page - Microchip Technology MIC5021 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2016 - 2021 Microchip Technology Inc. and its subsidiaries.
DS20005677B-page 7
MIC5021
3.0
TYPICAL PERFORMANCE CURVES
FIGURE 3-1:
Supply Current vs. Supply
Voltage.
FIGURE 3-2:
Gate Voltage Change vs.
Supply Voltage.
FIGURE 3-3:
Gate Turn-On Delay vs.
Supply Voltage.
FIGURE 3-4:
Gate Turn-On Delay vs.
Supply Voltage.
FIGURE 3-5:
Gate Turn-On Delay vs.
Gate Capacitance.
FIGURE 3-6:
Gate Turn-Off Delay vs.
Supply Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.0
0.5
1.0
1.5
2.0
2.5
5
10
152025
303540
V
SUPPLY (V)
V
IN =0V
V
IN =5V
0
5
10
15
20
25
5
10152025
303540
V
SUPPLY (V)
V
GAT E =VGAT E –VSUPPLY
650
700
750
800
850
900
5
10
152025
303540
V
SUPPLY (V)
V
GATE =VSUPPLY +4V
C
L = 1500pF (IRCZ34)
C
BOOST =0.01μF
INCLUDES PROPAGATION DELAY
750
800
850
900
950
1000
5
1015
20
2530
35
40
V
SUPPLY (V)
V
GATE =VSUPPLY + 10V
C
L = 1500pF (IRCZ34)
C
BOOST =0.01μF
INCLUDES PROPAGATION DELAY
0.0
0.5
1.0
1.5
2.0
2.5
1x100 1x101 1x102 1x103 1x104 1x105
C
GATE (pF)
V
GATE =VSUPPLY +4V
V
SUPPLY = 12V
INCLUDES PROPAGATION DELAY
750
1000
1250
1500
1750
2000
5
10
15202530
3540
V
SUPPLY (V)
V
GAT E =VSUPPLY +4V
R
L = 400
INCLUDES PROPAGATION DELAY
C
GAT E = 1500pF
(IRCZ34)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com