Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5021 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5021
Description  High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5021 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5021 Datasheet HTML 1Page - Microchip Technology MIC5021 Datasheet HTML 2Page - Microchip Technology MIC5021 Datasheet HTML 3Page - Microchip Technology MIC5021 Datasheet HTML 4Page - Microchip Technology MIC5021 Datasheet HTML 5Page - Microchip Technology MIC5021 Datasheet HTML 6Page - Microchip Technology MIC5021 Datasheet HTML 7Page - Microchip Technology MIC5021 Datasheet HTML 8Page - Microchip Technology MIC5021 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2016 - 2021 Microchip Technology Inc. and its subsidiaries.
DS20005677B-page 1
MIC5021
Features
• 12V to 36V Operation
• 550 ns Rise/Fall Time Driving 2000 pF
• TTL-Compatible Input with Internal Pull-Down
Resistor
• Overcurrent Limit
• Gate-to-Source Protection
• Internal Charge Pump
• 100 kHz Operation Guaranteed Over Full Tem-
perature and Operating Voltage Range
• Compatible with Current-Sensing MOSFETs
• Current-Source Drive Reduces EMI
Applications
• Lamp Control
• Heater Control
• Motor Control
• Solenoid Switching
• Switch-Mode Power Supplies
• Circuit Breaker
General Description
The MIC5021 high-side MOSFET driver is designed to
operate at frequencies up to 100 kHz (5 kHz PWM for
2% to 100% duty cycle) and is an ideal choice for high
speed applications such as motor control, SMPS
(switch mode power supplies), and applications using
IGBTs. The MIC5021 can also operate as a circuit
breaker with or without automatic retry.
A rising or falling edge on the input results in a current
source pulse or sink pulse on the gate output. This out-
put current pulse can turn on a 2000 pF MOSFET in
approximately 550 ns. The MIC5021 then supplies a
limited current (<2 mA), if necessary, to maintain the
output state.
An overcurrent comparator with a trip voltage of 50 mV
makes the MIC5021 ideal for use with a current-sens-
ing MOSFET. An external low value resistor may be
used instead of a sensing MOSFET for more precise
overcurrent control. An optional external capacitor
placed from the CT pin to ground may be used to con-
trol the current shutdown duty cycle (dead time) from
20% to <1%. A duty cycle from 20% to about 75% is
possible with an optional pull-up resistor from CT to
VDD. Additional parts of the MIC502x family include the
MIC5020 low-side driver and the MIC5022 half-bridge
driver with a cross-conduction interlock. The MIC5021
is available in 8-lead SOIC and plastic DIP packages.
Typical Application Circuit
MIC5021
PDIP & SOIC
High-Side Driver with Overcurrent Trip and Retry
V DD
INPUT
C T
GND
V BOOST
GATE
SENSE-
SENSE+
TTL INPUT
RSENSE
N-CHANNEL
POWER MOSFET
+12V to +36V
MIC5021
1
2
3
4
8
7
6
5
10μF
2.7
nF
LOAD
RSENSE = 50mV
ITRIP
* INCREASES TIME BEFORE RETRY
OPTIONAL*
High-Speed, High-Side MOSFET Driver with Charge Pump
and Overcurrent Limit


Similar Part No. - MIC5021

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5021 MICREL-MIC5021 Datasheet
132Kb / 9P
High-Speed High-Side MOSFET Driver
MIC5021 MICREL-MIC5021 Datasheet
207Kb / 10P
High-Speed High-Side MOSFET Driver
MIC5021BM MICREL-MIC5021BM Datasheet
132Kb / 9P
High-Speed High-Side MOSFET Driver
MIC5021BM MICREL-MIC5021BM Datasheet
207Kb / 10P
High-Speed High-Side MOSFET Driver
MIC5021BN MICREL-MIC5021BN Datasheet
132Kb / 9P
High-Speed High-Side MOSFET Driver
More results

Similar Description - MIC5021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1156 LINER-LTC1156 Datasheet
231Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
logo
Micrel Semiconductor
MIC5021 MICREL-MIC5021 Datasheet
132Kb / 9P
High-Speed High-Side MOSFET Driver
MIC5031 MICREL-MIC5031 Datasheet
88Kb / 8P
High-Speed High-Side MOSFET Driver
MIC5021 MICREL-MIC5021_05 Datasheet
207Kb / 10P
High-Speed High-Side MOSFET Driver
logo
ON Semiconductor
NCV8450 ONSEMI-NCV8450 Datasheet
153Kb / 9P
Self-Protected High Side Driver with Temperature and Current Limit
February, 2010 ??Rev. 2
logo
Micrel Semiconductor
MIC5019 MICREL-MIC5019 Datasheet
386Kb / 12P
Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
MIC5019_EB MICREL-MIC5019_EB Datasheet
271Kb / 5P
Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
logo
ON Semiconductor
NCV8450ASTT3G ONSEMI-NCV8450ASTT3G Datasheet
126Kb / 9P
Self-Protected High Side Driver with Temperature and Current Limit
April, 2012 ??Rev. 3
logo
Linear Technology
LTC1156 LINER-LTC1156_15 Datasheet
214Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
logo
ON Semiconductor
NCV8450 ONSEMI-NCV8450_V01 Datasheet
176Kb / 9P
Self-Protected High Side Driver with Temperature and Current Limit
October, 2018 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com