Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5021 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC5021
Description  High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5021 Datasheet(HTML) 3 Page - Microchip Technology

  MIC5021 Datasheet HTML 1Page - Microchip Technology MIC5021 Datasheet HTML 2Page - Microchip Technology MIC5021 Datasheet HTML 3Page - Microchip Technology MIC5021 Datasheet HTML 4Page - Microchip Technology MIC5021 Datasheet HTML 5Page - Microchip Technology MIC5021 Datasheet HTML 6Page - Microchip Technology MIC5021 Datasheet HTML 7Page - Microchip Technology MIC5021 Datasheet HTML 8Page - Microchip Technology MIC5021 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2016 - 2021 Microchip Technology Inc. and its subsidiaries.
DS20005677B-page 3
MIC5021
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage, VDD..................................................................................................................................................+40V
Input Voltage, VIN....................................................................................................................................... –0.5V to +15V
Sense Differential Voltage........................................................................................................................................±6.5V
SENSE+ or SENSE– to GND .................................................................................................................... –0.5V to +36V
Timer Voltage ...........................................................................................................................................................+5.5V
VBOOST Capacitor ................................................................................................................................................ 0.01 µF
Operating Ratings
Supply Voltage, VDD.................................................................................................................................... +12V to +36V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, GND = 0V, VDD = 12V, CT = OPEN,
Gate CL = 1500 pF (IRF540 MOSFET).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
DC Supply Current
—
—
1.8
4
mA
VDD = 12V, Input = 0V
—
—
2.5
6
VDD = 36V, Input = 0V
—
—
1.7
4
VDD = 12V, Input = 5V
—
—
2.5
6
VDD = 36V, Input = 5V
Input Threshold
—
0.8
1.4
2.0
V
—
Input Hysteresis
—
—
0.1
—
V
—
Input Pull-Down Current
—
10
20
40
µA
Input = 5V
Current-Limit Threshold
—
30
50
70
mV
Note 1
Gate On Voltage
—
16
18
21
V
VDD = 12V (Note 2)
—
46
50
52
VDD = 36V (Note 2)
Gate On-Time (Fixed)
tG(ON)
2
6
10
µs
Sense Differential  70 mV
(Note 8)
Gate Off-Time (Adjustable)
tG(OFF)
10
20
50
µs
Sense Differential  70 mV,
CT = 0 pF (Note 8)
Gate Turn-On Delay
tDLH
—
500
1000
ns
Note 3
Gate Rise Time
tR
—
400
500
ns
Note 4
Gate Turn-Off Delay
tDLH
—
800
1500
ns
Note 5
Note 1: When using sense MOSFETs, it is recommended that RSENSE < 50Ω. Higher values may affect the sense
MOSFET’s current transfer ratio.
2: DC measurement.
3: Input switched from 0.8V (TTL low) to 2.0V (TTL high), time for gate transition from 0V to 2V.
4: Input switched from 0.8V (TTL low) to 2.0V (TTL high), time for gate transition from 2V to 17V.
5: Input switched from 2.0V (TTL high) to 0.8V (TTL low), time for gate transition from 20V (gate on voltage)
to 17V.
6: Input switched from 2.0V (TTL high) to 0.8V (TTL low), time for gate transition from 17V to 2V.
7: Frequency where gate on voltage reduces to 17V with 50% input duty cycle.
8: Gate on time tG(ON) and tG(OFF) are not 100% production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com