Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5021 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC5021
Description  High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5021 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC5021 Datasheet HTML 10Page - Microchip Technology MIC5021 Datasheet HTML 11Page - Microchip Technology MIC5021 Datasheet HTML 12Page - Microchip Technology MIC5021 Datasheet HTML 13Page - Microchip Technology MIC5021 Datasheet HTML 14Page - Microchip Technology MIC5021 Datasheet HTML 15Page - Microchip Technology MIC5021 Datasheet HTML 16Page - Microchip Technology MIC5021 Datasheet HTML 17Page - Microchip Technology MIC5021 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MIC5021
DS20005677B-page 14
2016 - 2021 Microchip Technology Inc. and its subsidiaries.
External Schottky diodes are also recommended (see
D2 and D3 in Figure 6-9). The external diodes clamp
negative transients better than the internal diodes
because their larger size minimizes the forward voltage
drop at higher currents.
FIGURE 6-9:
Protection from Inductive
Kick.
6.9.4
HIGH-SIDE SENSING
Sensing the current on the high side of the MOSFET
isolates the sense pins from the inductive spike.
FIGURE 6-10:
High-Side Sensing.
6.10 Lamp Driver Application
Incandescent lamps have a high inrush current (low
resistance) when turned on. The MIC5021 can perform
a “soft start” by pulsing the MOSFET (overcurrent con-
dition) until the filament is warm and its current
decreases (resistance increases). The sense resistor
value is selected so the voltage drop across the sense
resistor decreases below the sense threshold (50 mV)
as the filament becomes warm. The FET is no longer
pulsed and the lamp turns completely on.
A lamp may not fully turn on if the filament does not
heat up adequately. Changing the duty cycle, sense
resistor, or both to match the filament characteristics
can correct the problem.
Soft start can be demonstrated using a #1157 dual fila-
ment automotive lamp. The value of RS shown in
Figure 6-11 allows for soft start of the higher-resistance
filament (measures approx. 2.1Ω cold or 21Ω hot).
FIGURE 6-11:
Lamp Driver with Current
Sensing.
6.11 Remote Overcurrent Limiting
Reset
In circuit breaker applications where the MIC5021
maintains an off condition after an overcurrent condi-
tion is sensed, the CT pin can be used to reset the
MIC5021.
FIGURE 6-12:
Remote Control Circuit.
Switching Q1 on pulls CT low which keeps the MIC5021
gate output off when an overcurrent is sensed. Switch-
ing Q1 off causes CT to appear open. The MIC5021
retries in about 20 µs and continues to retry until the
overcurrent condition is removed.
For demonstration purposes, a 680Ω load resistor and
3Ω sense resistor will produce an overcurrent condition
when the load’s supply (V+) is approximately 12V or
greater.
V DD
INPUT
C T
GND
V BOOST
GATE
SENSE-
SENSE+
TTL INPUT
INDUCTIVE
LOAD
N-CHANNEL
POWER MOSFET
+12V TO +36V
MIC5021
1
2
3
4
8
7
6
5
10μF
2.7
nF
RSENSE
1.0k
330Ω
R2
D2
11DQ03
D3
11DQ03
D1
R1
VDD
INPUT
C T
GND
V BOOST
GATE
SENSE-
SENSE+
TTL INPUT
WIREWOUND
RESISTOR
(3Ω)
N-CHANNEL
POWER MOSFET
(IRFZ44)
+12V TO +20V
RSENSE
(< 0.01Ω)
(+12V)
MIC5021
1
2
3
4
8
7
6
5
10μF
0.01
μF
VDD
INPUT
C
T
GND
V BOOST
GATE
SENSE-
SENSE+
TTL INPUT
RSENSE
(0.041Ω)
N-CHANNEL
POWER MOSFET
(IRF540)
V+
MIC5021
1
2
3
4
8
7
6
5
10μF
0.01
μF
INCANDESCENT
LAMP (#1157)
(+12V)
"( )" VALUES APPLY TO DEMO CIRCUIT.
SEE TEXT.
VDD
INPUT
C T
GND
VBOOST
GATE
SENSE-
SENSE+
TTL INPUT
RSENSE
N-CHANNEL
POWER MOSFET
+12V TO +20V
MIC5021
1
2
3
4
8
7
6
5
10μF
0.01
μF
LOAD
74HC04
(EXAMPLE)
2N3904
Q1
10k TO
100k
RETRY (H)
MAINTAINED (L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com