Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5021 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC5021
Description  High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5021 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC5021 Datasheet HTML 5Page - Microchip Technology MIC5021 Datasheet HTML 6Page - Microchip Technology MIC5021 Datasheet HTML 7Page - Microchip Technology MIC5021 Datasheet HTML 8Page - Microchip Technology MIC5021 Datasheet HTML 9Page - Microchip Technology MIC5021 Datasheet HTML 10Page - Microchip Technology MIC5021 Datasheet HTML 11Page - Microchip Technology MIC5021 Datasheet HTML 12Page - Microchip Technology MIC5021 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
2016 - 2021 Microchip Technology Inc. and its subsidiaries.
DS20005677B-page 9
MIC5021
4.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 4-1.
TABLE 4-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
VDD
Supply (+12V to 36V). Decouple with ≥ 10 µF capacitor.
2
INPUT
TTL-Compatible Input. Logic high turns the external MOSFET on. An internal
pull-down returns an open pin logic low.
3
CT
Retry Timing Capacitor. Controls the off time (tG(OFF)) of the overcurrent retry cycle
(duty cycle adjustment):
Open = Approximately 20% duty cycle.
Capacitor-to-Ground = Approximately 20% to <1% duty cycle.
Pull-Up Resistor = Approximately 20% to approximately 75% duty cycle.
Ground = Maintained shutdown upon overcurrent condition.
4
GND
Circuit Ground.
5
SENSE+
Current-Sense Comparator (+) Input. Connect to high side of sense resistor or cur-
rent sensing MOSFET sense lead. A built-in offset in conjunction with RSENSE
sets the load overcurrent trip point.
6
SENSE– Current-Sense Comparator (–) Input. Connect to the low side of the sense resistor
(usually the high side of the load).
7
GATE
Gate Drive. Drives the gate of an external power MOSFET. Also limits VGS to 15V
maximum to prevent gate-to-source damage. Will sink-and-source current.
8
VBOOST
Charge Pump Boost Capacitor. A bootstrap capacitor from VBOOST to the FET
source pin supplies charge to quickly enhance the gate output during turn-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com