Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5021 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC5021
Description  High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5021 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC5021 Datasheet HTML 11Page - Microchip Technology MIC5021 Datasheet HTML 12Page - Microchip Technology MIC5021 Datasheet HTML 13Page - Microchip Technology MIC5021 Datasheet HTML 14Page - Microchip Technology MIC5021 Datasheet HTML 15Page - Microchip Technology MIC5021 Datasheet HTML 16Page - Microchip Technology MIC5021 Datasheet HTML 17Page - Microchip Technology MIC5021 Datasheet HTML 18Page - Microchip Technology MIC5021 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
2016 - 2021 Microchip Technology Inc. and its subsidiaries.
DS20005677B-page 15
MIC5021
The gate-to-source configuration (refer to Figure 6-13)
is appropriate for resistive and inductive loads. This
also causes the smallest decrease in gate output volt-
age.
FIGURE 6-13:
Gate-to-Source Pull-Down.
The gate-to-ground configuration (refer to Figure 6-14)
is appropriate for resistive, inductive, or capacitive
loads. This configuration will decrease the gate output
voltage slightly more than the circuit shown in
Figure 6-13.
FIGURE 6-14:
Gate-to-Ground Pull-Down.
VDD
INPUT
CT
GND
V BOOST
GATE
SENSE-
SENSE+
TTL INPUT
RSENSE
+12V TO +36V
MIC5021AJB
1
2
3
4
8
7
6
5
10μF
2.7
nF
LOAD
2.2M
ADD RESISTOR FOR
-40°C TO -55°C OPERATION
V DD
INPUT
CT
GND
V BOOST
GATE
SENSE-
SENSE+
TTL INPUT
RSENSE
+12V TO +36V
MIC5021AJB
1
2
3
4
8
7
6
5
10μF
2.7
nF
LOAD
2.2M
ADD RESISTOR FOR
-40°C TO -55°C OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com