Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5021 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC5021
Description  High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5021 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC5021 Datasheet HTML 8Page - Microchip Technology MIC5021 Datasheet HTML 9Page - Microchip Technology MIC5021 Datasheet HTML 10Page - Microchip Technology MIC5021 Datasheet HTML 11Page - Microchip Technology MIC5021 Datasheet HTML 12Page - Microchip Technology MIC5021 Datasheet HTML 13Page - Microchip Technology MIC5021 Datasheet HTML 14Page - Microchip Technology MIC5021 Datasheet HTML 15Page - Microchip Technology MIC5021 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MIC5021
DS20005677B-page 12
2016 - 2021 Microchip Technology Inc. and its subsidiaries.
FIGURE 6-2:
12V to 36V Configuration.
FIGURE 6-3:
Preferred 20V to 36V
Configuration.
Do not use both boost capacitors between VBOOST and
the MOSFET source and VBOOST and VDD at the same
time.
6.7
Current-Sense Resistors
Lead length can be significant when using low value
(<1Ω) resistors for current sensing. Errors caused by
lead length can be avoided by using four-terminal cur-
rent-sensing resistors. Four-terminal resistors are
available from several manufacturers.
6.8
Circuits without Current Sensing
Current sensing may be omitted by connecting the
SENSE+ and SENSE– pins to the source of the MOS-
FET or to the supply. Connecting the sense pins to the
supply is preferred for inductive loads. Do not connect
the sense pins to ground.
FIGURE 6-4:
Connecting Sense to
Source.
FIGURE 6-5:
Connecting Sense to
Supply.
6.9
Inductive Load Precautions
Circuits controlling inductive loads, such as solenoids
(Figure 6-6) and motors, require precautions when
controlled by the MIC5021. Wire wound resistors,
which are sometimes used to simulate other loads, can
also show significant inductive properties.
An inductive load releases stored energy when its cur-
rent flow is interrupted (when the MOSFET is switched
off). The voltage across the inductor reverses and the
inductor attempts to force current flow. Since the circuit
appears open (the MOSFET appears as a very high
resistance) a very large negative voltage occurs across
the inductor.
V DD
Input
C T
Gnd
V BOOST
Gate
Sense-
Sense+
TTL Input
+20V to +36V
MIC5021
1
2
3
4
8
7
6
5
10μF
2.7
nF
Load
V DD
Input
C T
Gnd
V BOOST
Gate
Sense-
Sense+
TTL Input
+20V to +36V
MIC5021
1
2
3
4
8
7
6
5
10μF
Load
0.01
μF
V DD
Input
C T
Gnd
V BOOST
Gate
Sense-
Sense+
TTL Input
Load
N-Channel
Power MOSFET
V+
MIC5021
1
2
3
4
8
7
6
5
10μF
0.01
μF
V DD
INPUT
C T
GND
V BOOST
GATE
SENSE-
SENSE+
TTL INPUT
LOAD
N-CHANNEL
POWER MOSFET
V+
MIC5021
1
2
3
4
8
7
6
5
10μF
0.01
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com