Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5021 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC5021
Description  High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5021 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC5021 Datasheet HTML 2Page - Microchip Technology MIC5021 Datasheet HTML 3Page - Microchip Technology MIC5021 Datasheet HTML 4Page - Microchip Technology MIC5021 Datasheet HTML 5Page - Microchip Technology MIC5021 Datasheet HTML 6Page - Microchip Technology MIC5021 Datasheet HTML 7Page - Microchip Technology MIC5021 Datasheet HTML 8Page - Microchip Technology MIC5021 Datasheet HTML 9Page - Microchip Technology MIC5021 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MIC5021
DS20005677B-page 6
2016 - 2021 Microchip Technology Inc. and its subsidiaries.
2.0
TIMING DIAGRAMS
FIGURE 2-1:
Normal Operation.
FIGURE 2-2:
Fault Operation, CT = Open.
FIGURE 2-3:
Fault Condition, CT = Grounded.
INPUT
0V
TTL (H)
SOURCE
50mV
SENSE +,–
DIFFERENTIAL
GATE
0V
15V (MAX.)
INPUT
0V
TTL (H)
SOURCE
50mV
SENSE +,–
DIFFERENTIAL
GATE
0V
15V (MAX.)
6μs
20μs
INPUT
0V
TTL (H)
SOURCE
50mV
SENSE +,–
DIFFERENTIAL
GATE
0V
15V (MAX.)
6μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com