Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5021 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC5021
Description  High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5021 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC5021 Datasheet HTML 6Page - Microchip Technology MIC5021 Datasheet HTML 7Page - Microchip Technology MIC5021 Datasheet HTML 8Page - Microchip Technology MIC5021 Datasheet HTML 9Page - Microchip Technology MIC5021 Datasheet HTML 10Page - Microchip Technology MIC5021 Datasheet HTML 11Page - Microchip Technology MIC5021 Datasheet HTML 12Page - Microchip Technology MIC5021 Datasheet HTML 13Page - Microchip Technology MIC5021 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MIC5021
DS20005677B-page 10
2016 - 2021 Microchip Technology Inc. and its subsidiaries.
5.0
FUNCTIONAL DESCRIPTION
Refer to the MIC5021 .
5.1
Input
A signal greater than 1.4V (nominal) applied to the
MIC5021 INPUT causes gate enhancement on an
external MOSFET turning the MOSFET on.
An internal pull-down resistor ensures that an open
input remains low, keeping the external MOSFET
turned off.
5.2
Gate Output
Rapid rise and fall times on the gate output are possible
because each input state change triggers a one-shot
which activates a high-value current sink (10I2) for a
short time. This draws a high current though a current
mirror circuit causing the output transistors to quickly
charge or discharge the external MOSFET’s gate.
A second current sink continuously draws the lower
value of current used to maintain the gate voltage for
the selected state.
An internal charge pump utilizes an external “boost”
capacitor connected between VBOOST and the source
of the external MOSFET (Refer to the Typical Applica-
tion Circuit). The boost capacitor stores charge when
the MOSFET is off. As the MOSFET turns on, its
source to ground voltage increases and is added to the
voltage across the capacitor, raising the VBOOST pin
voltage. The boost capacitor charge is directed through
the gate pin to quickly charge the MOSFET’s gate to
16V maximum above VDD. The internal charge pump
maintains the gate voltage.
An internal Zener diode protects the external MOSFET
by limiting the gate to source voltage.
5.3
SENSE Inputs
The MIC5021’s 50 mV (nominal) trip voltage is created
by internal current sources that force approximately
5 µA out of SENSE+ and approximately 15 µA (at trip)
out of SENSE–. When SENSE– is 50mV or more below
SENSE+, SENSE– steals base current from an internal
drive transistor shutting off the external MOSFET.
5.4
Overcurrent Limiting
Current source I1 charges CINT upon power up. An
optional external capacitor connected to CT is kept dis-
charged through a MOSFET Q1.
A fault condition (>50 mV from SENSE+ to SENSE–)
causes the overcurrent comparator to enable current
sink 2I1 which overcomes current source I1 to dis-
charge CINT in a short time. When CINT is discharged,
the input is disabled, which turns off the gate output,
and CINT and CT are ready to be charged.
When the gate output turns the MOSFET off, the over-
current signal is removed from the sense inputs which
deactivates current sink 2I1.This allows CINT and the
optional capacitor connected to CT to recharge. A
Schmitt trigger delays the retry while the capacitor(s)
recharge. Retry delay is increased by connecting a
capacitor to CT (optional).
The retry cycle will continue until the fault is removed or
the input is changed to TTL low.
If CT is connected to ground, the circuit will not retry
upon a fault condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com