Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1620S/T&R Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1620S/T&R
Description  Digital Thermometer and Thermostat
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1620S/T&R Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1620S/T&R Datasheet HTML 3Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 10Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DS1620
Write TL [02h]
This command writes to the TL (LOW TEMPERATURE) register. After issuing this command the next
nine clock cycles clock in the 9–bit temperature limit which will set the threshold for operation of the
TLOW output.
Read TH [A1h]
This command reads the value of the TH (HIGH TEMPERATURE) register. After issuing this command
the next nine clock cycles clock out the 9–bit temperature limit which sets the threshold for operation of
the THIGH output.
Read TL [A2h]
This command reads the value of the TL (LOW TEMPERATURE) register. After issuing this command
the next nine clock cycles clock out the 9–bit temperature limit which sets the threshold for operation of
the TLOWoutput.
Read Counter [A0h]
This command reads the value of the counter byte. The next nine clock cycles will output the contents of
this register.
Read Slope [A9h]
This command reads the value of the slope counter byte from the DS1620. The next nine clock cycles
will output the contents of this register.
Start Convert T [EEh]
This command begins a temperature conversion. No further data is required. In one–shot mode the
temperature conversion will be performed and then the DS1620 will remain idle. In continuous mode this
command will initiate continuous conversions.
Stop Convert T [22h]
This command stops temperature conversion. No further data is required. This command may be used to
halt a DS1620 in continuous conversion mode. After issuing this command the current temperature
measurement will be completed and then the DS1620 will remain idle until a Start Convert T is issued to
resume continuous operation.
Write Config [0Ch]
This command writes to the configuration register. After issuing this command the next eight clock cycles
clock in the value of the configuration register.
Read Config [ACh]
This command reads the value in the configuration register. After issuing this command the next eight
clock cycles output the value of the configuration register.
7 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com