Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1620S/T&R Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1620S/T&R
Description  Digital Thermometer and Thermostat
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1620S/T&R Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1620S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 10Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 11Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DS1620
DC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; VDD=2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
MAX
UNITS NOTES
Thermometer Error
TERR
0°C to +70°C
3.0V ≤ VDD ≤ 5.5V
±0.5
°
C
2
0°C to +70°C
2.7V ≤ VDD < 3.0V
±1.25
-55°C to +125°C
±2.0
Thermometer Resolution
12
Bits
Logic 0 Output
VOL
0.4
V
4
Logic 1 Output
VOH
2.4
V
5
Input Resistance
RI
RST
to GND
DQ, CLK to VDD
1
1
MΩ
MΩ
Active Supply Current
ICC
0°C to +70°C
1
mA
6
Standby Supply Current
ISTBY
0°C to +70°C
1.5
µA
6
Input Current on Each
Pin
0.4 < VI/O < 0.9 x VDD
-10
+10
µA
Thermal Drift
±0.2
°C
7
SINGLE CONVERT TIMING DIAGRAM (STAND-ALONE MODE)
AC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; VDD=2.7V to 5.5V)
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Temperature Conversion Time
TTC
750
ms
Data to CLK Setup
tDC
35
ns
8
CLK to Data Hold
tCDH
40
ns
8
CLK to Data Delay
tCDD
150
ns
8, 9, 10
CLK Low Time
tCL
285
ns
8
CLK High Time
tCH
285
ns
8
CLK Frequency
fCLK
DC
1.75
MHz
8
CLK Rise and Fall
tR, tF
500
ns
RST
to CLK Setup
tCC
100
ns
8
CLK to RST Hold
tCCH
40
ns
8
RST
Inactive Time
tCWH
125
ns
8, 11
CLK High to I/O High-Z
tCDZ
50
ns
8
RST
Low to I/O High-Z
tRDZ
50
ns
8
Convert Pulse Width
tCNV
250 ns
500 ms
12
tCNV
CONV
11 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com