Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1620S/T&R Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1620S/T&R
Description  Digital Thermometer and Thermostat
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1620S/T&R Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1620S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 10Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 11Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DS1620
DS1620 COMMAND SET Table 4
INSTRUCTION DESCRIPTION
PROTOCOL
3-WIRE BUS
DATA AFTER
ISSUING
PROTOCOL
NOTES
TEMPERATURE CONVERSION COMMANDS
Read Temperature Reads last converted temperature
value from temperature register.
AAh
<read data>
Read Counter
Reads value of count remaining
from counter.
A0h
<read data>
Read Slope
Reads value of the slope
accumulator.
A9h
<read data>
Start Convert T
Initiates temperature conversion.
EEh
Idle
1
Stop Convert T
Halts temperature conversion.
22h
Idle
1
THERMOSTAT COMMANDS
Write TH
Writes high temperature limit value
into TH register.
01h
<write data>
2
Write TL
Writes low temperature limit value
into TL register.
02h
<write data>
2
Read TH
Reads stored value of high
temperature limit from TH register.
A1h
<read data>
2
Read TL
Reads stored value of low
temperature limit from TL register.
A2h
<read data>
2
Write Config
Writes configuration data to
configuration register.
0Ch
<write data>
2
Read Config
Reads configuration data from
configuration register.
ACh
<read data>
2
NOTES:
1. In continuous conversion mode, a Stop Convert T command will halt continuous conversion. To
restart, the Start Convert T command must be issued. In one–shot mode, a Start Convert T command
must be issued for every temperature reading desired.
2. Writing to the E2 requires up to 10 ms at room temperature. After issuing a write command no further
writes should be requested for at least 10 ms.
8 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com