Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1620S/T&R Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # DS1620S/T&R
Description  Digital Thermometer and Thermostat
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1620S/T&R Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button DS1620S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 10Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 11Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
DS1620
AC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; VDD=2.7V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CI
5
pF
I/O Capacitance
CI/O
10
pF
EEPROM AC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; VDD=2.7V to 5.5V)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Write Cycle Time
4
10
Ms
EEPROM Writes
-55°C to +55°C
50k
Writes
EEPROM Data Retention
-55°C to +55°C
10
Years
NOTES:
1. All voltages are referenced to ground.
2. Valid for design revisions D1 and above. The supply range for Rev. C2 and below is 4.5V < 5.5V.
3. Thermometer error reflects temperature accuracy as tested during calibration.
4. Logic 0 voltages are specified at a sink current of 4mA
5. Logic 1 voltages are specified at a source current of 1mA.
6. ISTBY, ICC specified with DQ, CLK/ CONV = VDD, and RST = GND.
7. Drift data is based on a 1000hr stress test at +125°C with VDD = 5.5V
8. Measured at VIH = 0.7 x VDD or VIL= 0.3 x VDD.
9. Measured at VOH = 2.4V or VOL= 0.4V.
10. Load capacitance = 50pF.
11. tCWH must be 10ms minimum following any write command that involves the E2 memory.
12. 250ns is the guaranteed minimum pulse width for a conversion to start; however, a smaller pulse
width may start a conversion.
Maxim Integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim Integrated product. No circuit patent licenses
are implied. Maxim Integrated reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and max limits) shown
in the Electrical Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
Maxim Integrated 160 Rio Robles, San Jose, CA 95134 USA 1-408-601-1000
©2015 Maxim Integrated Products, Inc.
Maxim Integrated and the Maxim Integrated logo are trademarks of Maxim Integrated Products, Inc.
12 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com