Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1620S/T&R Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1620S/T&R
Description  Digital Thermometer and Thermostat
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1620S/T&R Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1620S/T&R Datasheet HTML 1Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 2Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 3Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DS1620
DS1620 FUNCTIONAL BLOCK DIAGRAM Figure 1
The DS1620 measures temperature using a bandgap-based temperature sensor. The temperature reading
is provided in a 9–bit, two’s complement reading by issuing a READ TEMPERATURE command. The
data is transmitted serially through the 3–wire serial interface, LSB first. The DS1620 can measure
temperature over the range of -55°C to +125°C in 0.5°C increments. For Fahrenheit usage, a lookup table
or conversion factor must be used.
Since data is transmitted over the 3–wire bus LSB first, temperature data can be written to/read from the
DS1620 as either a 9–bit word (taking RST low after the 9th (MSB) bit), or as two transfers of 8–bit
words, with the most significant 7 bits being ignored or set to 0, as illustrated in Table 3. After the MSB,
the DS1620 will output 0s.
Note that temperature is represented in the DS1620 in terms of a ½°C LSB, yielding the 9–bit format
shown in Figure 2.
TEMPERATURE, TH, and TL REGISTER FORMAT Figure 2
X
X
X
X
X
X
X
1
1
1
0
0
1
1
1
0
LSB
T = -25°C
MSB
3 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com