Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1620S/T&R Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1620S/T&R
Description  Digital Thermometer and Thermostat
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1620S/T&R Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1620S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 10Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 11Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DS1620
FUNCTION EXAMPLE
Example: CPU sets up DS1620 for continuous conversion and thermostatic function.
CPU MODE
DS1620 MODE
(3-WIRE)
DATA (LSB FIRST)
COMMENTS
TX
RX
0Ch
CPU issues Write Config command
TX
RX
00h
CPU sets DS1620 up for continuous
conversion
TX
RX
Toggle RST
CPU issues Reset to DS1620
TX
RX
01h
CPU issues Write TH command
TX
RX
0050h
CPU sends data for TH limit of +40˚C
TX
RX
Toggle RST
CPU issues Reset to DS1620
TX
RX
02h
CPU issues Write TL command
TX
RX
0014h
CPU sends data for TL limit of +10˚C
TX
RX
Toggle RST
CPU issues Reset to DS1620
TX
RX
A1h
CPU issues Read TH command
RX
TX
0050h
DS1620 sends back stored value of TH for
CPU to verify
TX
RX
Toggle RST
CPU issues Reset to DS1620
TX
RX
A2h
CPU issues Read TL command
RX
TX
0014h
DS1620 sends back stored value of TL for
CPU to verify
TX
RX
Toggle RST
CPU issues Reset to DS1620
TX
RX
EEh
CPU issues Start Convert T command
TX
RX
Drop RST
CPU issues Reset to DS1620
READ DATA TRANSFER Figure 4
9 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com