Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1620S/T&R Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1620S/T&R
Description  Digital Thermometer and Thermostat
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1620S/T&R Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1620S/T&R Datasheet HTML 1Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 2Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 3Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BENEFITS AND FEATURES
Simply Adds Temperature Monitoring and
Control to Any System
o Measures Temperatures From -55°C to
+125°C in 0.5°C Increments; Fahrenheit
Equivalent is -67°F to +257°F in 0.9°F
Increments
o Temperature is Read as a 9-Bit Value
o Converts Temperature to Digital Word in
750ms (max)
o Thermostatic Settings are User-Definable
and Nonvolatile
Can Be Used in a Wide Variety of
Applications
o Supply Voltage Range Covers From 2.7V
to 5.5V
o Data is Read From/Written Via a 3-Wire
Serial Interface (CLK, DQ, RST )
Saves Space
o Requires No External Components
o 8-Pin DIP or SOIC (208-mil) Packages
APPLICATIONS
⋅
Thermostatic Controls
⋅
Industrial Systems
⋅
Consumer Products
⋅ Thermometers
PIN ASSIGNMENT
PIN DESCRIPTION
DQ
- 3-Wire Input/Output
CLK/ CONV - 3-Wire Clock Input and
Stand-alone Convert Input
RST
- 3-Wire Reset Input
GND
- Ground
THIGH
- High Temperature Trigger
TLOW
- Low Temperature Trigger
TCOM
- High/Low Combination Trigger
VDD
- Power Supply Voltage (3V - 5V)
DESCRIPTION
The DS1620 Digital Thermometer and Thermostat provides 9–bit temperature readings which indicate
the temperature of the device. With three thermal alarm outputs, the DS1620 can also act as a thermostat.
THIGH is driven high if the DS1620’s temperature is greater than or equal to a user–defined temperature
TH. TLOW is driven high if the DS1620’s temperature is less than or equal to a user–defined temperature
TL. TCOM is driven high when the temperature exceeds TH and stays high until the temperature falls
below that of TL.
DS1620
Digital Thermometer and
Thermostat
6
3
1
2
4
8
7
5
DQ
CLK/CONV
RST
GND
VDD
THIGH
TLOW
TCOM
DS1620S 8-Pin SOIC (208-mil)
6
3
1
2
4
8
7
5
DQ
CLK/CONV
RST
GND
VDD
THIGH
TLOW
TCOM
DS1620 8-Pin DIP (300-mil)
1 of 12
19-7539; Rev 3; 3/15


Similar Part No. - DS1620S/T&R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
More results

Similar Description - DS1620S/T&R

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
Digital Thermometer and Thermostat
DS1621 DALLAS-DS1621 Datasheet
647Kb / 16P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
Digital Thermometer and Thermostat
112006
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75 DALLAS-DS75_08 Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com