Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1620S/T&R Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1620S/T&R
Description  Digital Thermometer and Thermostat
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1620S/T&R Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1620S/T&R Datasheet HTML 1Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 2Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 3Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DS1620
User–defined temperature settings are stored in nonvolatile memory, so parts can be programmed prior to
insertion in a system, as well as used in standalone applications without a CPU. Temperature settings and
temperature readings are all communicated to/from the DS1620 over a simple 3–wire interface.
ORDERING INFORMATION
PART
PACKAGE MARKING
DESCRIPTION
DS1620
DS1620
8-Pin DIP (300 mil)
DS1620+
DS1620 (See Note)
Lead-Free 8-Pin DIP (300 mil)
DS1620S
DS1620
8-Pin SOIC (208 mil)
DS1620S+
DS1620 (See Note)
Lead-Free 8-Pin SOIC (208 mil)
DS1620S/T&R
DS1620
8-Pin SOIC (208 mil), 2000-Piece Tape-and-Reel
DS1620S+T&R
DS1620 (See Note)
Lead-Free 8-Pin SOIC (208 mil), 2000-Piece
Tape-and-Reel
Note: A “+” symbol will also be marked on the package near the Pin 1 indicator
DETAILED PIN DESCRIPTION Table 1
PIN
SYMBOL
DESCRIPTION
1
DQ
Data Input/Output pin for 3-wire communication port.
2
CLK/ CONV
Clock input pin for 3-wire communication port. When the DS1620 is used in a
stand-alone application with no 3–wire port, this pin can be used as a convert
pin. Temperature conversion will begin on the falling edge of CONV .
3
RST
Reset input pin for 3-wire communication port.
4
GND
Ground pin.
5
TCOM
High/Low Combination Trigger. Goes high when temperature exceeds TH;
will reset to low when temperature falls below TL.
6
TLOW
Low Temperature Trigger. Goes high when temperature falls below TL.
7
THIGH
High Temperature Trigger. Goes high when temperature exceeds TH.
8
VDD
Supply Voltage. 2.7V – 5.5V input power pin.
Table 2. DS1620 REGISTER SUMMARY
REGISTER NAME
(USER ACCESS)
SIZE
MEMORY
TYPE
REGISTER CONTENTS
AND POWER-UP/POR STATE
Temperature
(Read Only)
9 Bits
SRAM
Measured Temperature (Two’s Complement)
Power-Up/POR State: -60ºC (1 1000 1000)
TH
(Read/Write)
9 Bits
EEPROM
Upper Alarm Trip Point (Two’s Complement)
Power-Up/POR State: User-Defined.
Initial State from Factory: +15°C (0 0001 1110)
TL
(Read/Write)
9 Bits
EEPROM
Lower Alarm Trip Point (Two’s Complement)
Power-Up/POR State: User-Defined.
Initial State from Factory: +10°C (0 0001 0100)
OPERATION-MEASURING TEMPERATURE
A block diagram of the DS1620 is shown in Figure 1.
. .
2 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com