Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1620S/T&R Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1620S/T&R
Description  Digital Thermometer and Thermostat
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1620S/T&R Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1620S/T&R Datasheet HTML 1Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 2Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 3Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DS1620
THERMOSTAT OUTPUT OPERATION Figure 3
OPERATION AND CONTROL
The DS1620 must have temperature settings resident in the TH and TL registers for thermostatic
operation. A configuration/status register also determines the method of operation that the DS1620 will
use in a particular application and indicates the status of the temperature conversion operation. The
configuration register is defined as follows:
CONFIGURATION/STATUS REGISTER
where
DONE = Conversion Done Bit. 1=conversion complete, 0=conversion in progress. The power-up/POR
state is a 1.
THF
= Temperature High Flag. This bit will be set to 1 when the temperature is greater than or equal
to the value of TH. It will remain 1 until reset by writing 0 into this location or by removing power from
the device. This feature provides a method of determining if the DS1620 has ever been subjected to
temperatures above TH while power has been applied. The power-up/POR state is a 0.
TLF
= Temperature Low Flag. This bit will be set to 1 when the temperature is less than or equal to
the value of TL. It will remain 1 until reset by writing 0 into this location or by removing power from the
device. This feature provides a method of determining if the DS1620 has ever been subjected to
temperatures below TL while power has been applied. The power-up/POR state is a 0.
NVB
= Nonvolatile Memory Busy Flag. 1=write to an E2 memory cell in progress. 0=nonvolatile
memory is not busy. A copy to E2 may take up to 10 ms. The power-up/POR state is a 0.
CPU
= CPU Use Bit. If CPU=0, the CLK/ CONV pin acts as a conversion start control, when RST is
low. If CPU is 1, the DS1620 will be used with a CPU communicating to it over the 3–wire port, and the
operation of the CLK/ CONV pin is as a normal clock in concert with DQ and RST . This bit is stored in
nonvolatile E2 memory, capable of at least 50,000 writes. The DS1620 is shipped with CPU=0.
THIGH
TLOW
TCOM
TL
TH
T(°C)
DONE
THF
TLF
NVB
1
0
CPU
1SHOT
5 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com