Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1620S/T&R Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1620S/T&R
Description  Digital Thermometer and Thermostat
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1620S/T&R Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1620S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 10Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 11Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DS1620
WRITE DATA TRANSFER Figure 5
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–0.5V to +6.0V
Operating Temperature
–55°C to +125°C
Storage Temperature
–55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply
VDD
2.7
5.5
V
1,2
Logic 1
VIH
0.7 x VDD
VCC + 0.3
V
1
Logic 0
VIL
-0.3
0.3 x VDD
V
1
NOTE: tCL, tCH, tR, and tF apply to both read and write data transfer.
10 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com