Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1620S/T&R Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1620S/T&R
Description  Digital Thermometer and Thermostat
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1620S/T&R Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1620S/T&R Datasheet HTML 1Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 2Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 3Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1620S/T&R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DS1620
Table 3 describes the exact relationship of output data to measured temperature.
.
TEMPERATURE/DATA RELATIONSHIPS Table 3
TEMP
DIGITAL OUTPUT
(Binary)
DIGITAL OUTPUT
(Hex)
+125˚C
0 11111010
00FA
+25˚C
0 00110010
0032h
+½˚C
0 00000001
0001h
+0˚C
0 00000000
0000h
-½˚C
1 11111111
01FFh
-25˚C
1 11001110
01CEh
-55˚C
1 10010010
0192h
Higher resolutions may be obtained by reading the temperature, and truncating the 0.5°C bit (the LSB)
from the read value. This value is TEMP_READ. The value left in the counter may then be read by
issuing a READ COUNTER command. This value is the count remaining (COUNT_REMAIN) after the
gate period has ceased. By loading the value of the slope accumulator into the count register (using the
READ SLOPE command), this value may then be read, yielding the number of counts per degree C
(COUNT_PER_C) at that temperature. The actual temperature may be then be calculated by the user
using the following:
TEMPERATURE=TEMP_READ-0.25 +
C
COUNT_PER_
IN)
COUNT_REMA
-
_C
(COUNT_PER
OPERATION–THERMOSTAT CONTROLS
Three thermally triggered outputs, THIGH, TLOW, and TCOM, are provided to allow the DS1620 to be used
as a thermostat, as shown in Figure 3. When the DS1620’s temperature meets or exceeds the value stored
in the high temperature trip register, the output THIGH becomes active (high) and remains active until the
DS1620’s measured temperature becomes less than the stored value in the high temperature register, TH.
The THIGH output can be used to indicate that a high temperature tolerance boundary has been met or
exceeded, or it can be used as part of a closed loop system to activate a cooling system and deactivate it
when the system temperature returns to tolerance.
The TLOW output functions similarly to the THIGH output. When the DS1620’s measured temperature
equals or falls below the value stored in the low temperature register, the TLOW output becomes active.
TLOW remains active until the DS1620’s temperature becomes greater than the value stored in the low
temperature register, TL. The TLOW output can be used to indicate that a low temperature tolerance
boundary has been met or exceeded, or as part of a closed loop system it can be used to activate a heating
system and deactivate it when the system temperature returns to tolerance.
The TCOM output goes high when the measured temperature meets or exceeds TH, and will stay high until
the temperature equals or falls below TL. In this way, any amount of hysteresis can be obtained.
4 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com