Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69101 Datasheet(PDF) 18 Page - Microchip Technology

Part # PD69101
Description  1-Port PSE PoE Controller Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69101 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PD69101 Datasheet HTML 14Page - Microchip Technology PD69101 Datasheet HTML 15Page - Microchip Technology PD69101 Datasheet HTML 16Page - Microchip Technology PD69101 Datasheet HTML 17Page - Microchip Technology PD69101 Datasheet HTML 18Page - Microchip Technology PD69101 Datasheet HTML 19Page - Microchip Technology PD69101 Datasheet HTML 20Page - Microchip Technology PD69101 Datasheet HTML 21Page - Microchip Technology PD69101 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
3.1
CURRENT_SET and AF/AT
The following table lists the pins that determine the typical PD load output current.
Table 3-2. CURRENT_SET and AF/AT Pins
AT/AF Pin
Current_Set Pin
Max. Current ICUT
[mA]
Typical ILIM [mA]
IEEE 802.3
0
0
350
425
AF mode (standard)
1
0
600
722
AT mode (standard)
1
1
720
874
AT mode (high
power)
0
1
1000
1200
AT mode (extra high
power)
3.2
Mode of Operation Coding
The following table lists the mode of operation coding options related to pins 21 and 22.
Table 3-3. Configuration Coding
Mode 0
Mode 1
Mode
Description
0
0
Normal operation mode
Standard operation PoE
mode.
LED0 and LED1 outputs
are used for direct LED
drive as described in the
following section.
0
1
Serial monitoring mode
Standard operation PoE
mode.
LED0 and LED1 are used
to continuously stream out
internal logic signals for
PoE monitoring.
1
0
Test mode
Internal IC test mode; used
in production only.
1
1
Test mode
Internal IC test mode; used
in production only.
3.3
LED I/Os Behavior
The following tables list the LED I/Os behavior related to pins 13 and 14 in 2-pair application. In both application
types, the LED pin is a high-voltage, open-drain, output pin, and an active low (sink) pin. That is, LED is “ON” when
the I/O is pulled low.
Table 3-4. 2-Pair Behavior
Status Indications
LED0 LED1 Notes
AF mode—port ON
ON
OFF
Useful for bi-color LED connected from LED0 to
LED1.
PD69101
Pin Descriptions
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004280A-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com