Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69101 Datasheet(PDF) 17 Page - Microchip Technology

Part # PD69101
Description  1-Port PSE PoE Controller Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69101 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PD69101 Datasheet HTML 13Page - Microchip Technology PD69101 Datasheet HTML 14Page - Microchip Technology PD69101 Datasheet HTML 15Page - Microchip Technology PD69101 Datasheet HTML 16Page - Microchip Technology PD69101 Datasheet HTML 17Page - Microchip Technology PD69101 Datasheet HTML 18Page - Microchip Technology PD69101 Datasheet HTML 19Page - Microchip Technology PD69101 Datasheet HTML 20Page - Microchip Technology PD69101 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
...........continued
Number
Name
Type
Description
13
LED0
Open-drain I/O
Port status direct LED
indications. For details, see
Table 3-4. This is a high-
voltage, open-drain, active
low (SINK) output pin.
Connection to LED and
VMAIN through a ~18.2
KΩ (~3 mA) resistor is
recommended.
14
LED1
15
N/C
Analog I/O
Test pin (for production
use only); keep open (not
connected).
16
N/C
17
TRIM
Analog input
Zapping input for IC
production trimming. It
must be connected to
DVDD.
18
SYNC
Digital I/O
Synchronization open-drain
I/O pin between host and
client.
In 2-pair mode (switch), this
pin should be pulled down
to DGND through a 4.7 KΩ
resistor.
19
DGND
Digital I/O
Digital ground.
20
RESET_N
Digital input
Reset input/on-off
command (active low).
21
MODE 0
Test I/O
Configuration input pins.
Used to set mode of
operation and test mode
at production. Typically
connected to DGND. For
details, see Table 3-3.
22
MODE 1
23
Host/Client
Digital input
If connected to DVDD (3.3
VDC): host mode.
If connected to GND: client
mode.
24
STD_DET/LEGACY
Digital input
User input pin to set the
chip mode of operation.
1: DVDD= IEEE 802.3af-
compliant resistor detection
only.
0: DGND= IEEE 802.3af/at
detection and legacy (non-
standard) line detection.
Note:  0= Connect to DGND and 1= connect to DVDD.
PD69101
Pin Descriptions
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004280A-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com