Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69101 Datasheet(PDF) 21 Page - Microchip Technology

Part # PD69101
Description  1-Port PSE PoE Controller Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69101 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PD69101 Datasheet HTML 17Page - Microchip Technology PD69101 Datasheet HTML 18Page - Microchip Technology PD69101 Datasheet HTML 19Page - Microchip Technology PD69101 Datasheet HTML 20Page - Microchip Technology PD69101 Datasheet HTML 21Page - Microchip Technology PD69101 Datasheet HTML 22Page - Microchip Technology PD69101 Datasheet HTML 23Page - Microchip Technology PD69101 Datasheet HTML 24Page - Microchip Technology PD69101 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
4.1
RoHS and Solder Reflow Information
The PD69101 device is rated RoHS 6/6. The package is lead (Pb)-free, with a 100% matte tin finish. The package
peak temperature for solder reflow (40 seconds maximum exposure) is 260 °C (0 °C, –5 °C).
The following table lists the classification reflow profile information.
Table 4-2. Classification Reflow Profiles
Profile Feature
Pb-Free Assembly
Average ramp-up rate (TSmax to Tp)
3 °C/second max
Pre-heat:
Temperature minimum (TSmin)
Temperature maximum (TSmax)
Time (TSmin to TSmax)
150 °C
200 °C
60 seconds–180 seconds
Time maintained above:
Temperature (TL)
Time (tL)
217 °C
60 seconds–150 seconds
Peak/classification temperature
See Figure 4-2
Time within 5 °C of actual peak temperature (tp)
20 seconds–40 seconds
Ramp-down rate
6 °C/second max
Time 25 °C to peak temperature
8 minutes max
Note:  All temperatures refer to the top-side of the package, measured on the package body surface.
The following illustration shows the classification reflow profile of the PD69101 device.
Figure 4-2. Classification Reflow Profile Diagram
Note:  Exceeding these ratings can damage the device.
PD69101
Package Specifications
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004280A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com