Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69101 Datasheet(PDF) 16 Page - Microchip Technology

Part # PD69101
Description  1-Port PSE PoE Controller Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69101 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PD69101 Datasheet HTML 12Page - Microchip Technology PD69101 Datasheet HTML 13Page - Microchip Technology PD69101 Datasheet HTML 14Page - Microchip Technology PD69101 Datasheet HTML 15Page - Microchip Technology PD69101 Datasheet HTML 16Page - Microchip Technology PD69101 Datasheet HTML 17Page - Microchip Technology PD69101 Datasheet HTML 18Page - Microchip Technology PD69101 Datasheet HTML 19Page - Microchip Technology PD69101 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
...........continued
Number
Name
Type
Description
1
CURRENT_SET
Digital input
User input to set AF/AT and
maximum current limit.
Use pull-up resistors
to DVDD or pull-down
resistors to DGND to set
the mode of operation as
shown in Table 3-2.
2
AF/AT
3
DVDD
Power in
Regulated input voltage
(3.3V) for internal digital
circuitry. Must be externally
connected to pin 4.
4
VAUX3P3
Power in
Voltage regulation in 3.3
VDC. Connect to pin 5.
A 4.7 μF capacitor to
AGND is recommended.
5
DRV_VAUX3P3
Power out
Internal voltage regulator
out, 3.3 VDC.
It must be externally
connected to pin 4.
6
VAUX5
Power
Regulated 5 VDC voltage
filter.
A 1 μF capacitor to AGND
is recommended.
7
AGND
Power
Analog ground.
8
V_MAIN
Power
Supply voltage for the
internal analog circuit.
Place a low-ESR bypass
capacitor with low
impedance trace as close
as possible to AGND and
this pin (not less than 1
μF).
9
PORT_NEG
Analog I/O
Negative output of the port.
10
PORT_SENSE
Analog input
Sense resistor port input
(connected to 0.5, 1% Ω
resistor to GND).
11
QGND
Power
Quiet analog ground; used
for sensitive analog cells.
12
I_REF
Analog I/O
Resistor reference.
Connect 30.1K 1% resistor
to QGND.
PD69101
Pin Descriptions
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004280A-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com