Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69101 Datasheet(PDF) 14 Page - Microchip Technology

Part # PD69101
Description  1-Port PSE PoE Controller Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69101 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PD69101 Datasheet HTML 10Page - Microchip Technology PD69101 Datasheet HTML 11Page - Microchip Technology PD69101 Datasheet HTML 12Page - Microchip Technology PD69101 Datasheet HTML 13Page - Microchip Technology PD69101 Datasheet HTML 14Page - Microchip Technology PD69101 Datasheet HTML 15Page - Microchip Technology PD69101 Datasheet HTML 16Page - Microchip Technology PD69101 Datasheet HTML 17Page - Microchip Technology PD69101 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
...........continued
Parameter
Rating
Maximum operating junction temperature
150 °C
Storage temperature range
–65 °C to 150 °C
ESD protection at all I/O pins
±2 KV (HBM)
2.3
Moisture Sensitivity
This device is rated moisture sensitivity level 3 as specified in the joint IPC and JEDEC® standard IPC/JEDEC
J-STD-020. For more information, see the IPC and JEDEC standard.
2.4
Power Dissipation Information
Table 2-9. Power Dissipation
Parameter
Value
Rsense power dissipation
0.5 Ω × IPORT2
Rds_ON power dissipation
0.3 Ω × IPORT2
Pport_AF = 15.4 W
PRsense = 51 mW (320 mA)
PRds_ON
31 mW (320 mA)
Pport_AT = 30 W
PRsense = 180 mW (600 mA)
PRds_ON
108 mW (600 mA)
Typical PD69101 self power dissipation (including
internal regulations)
0.5W (50 VDC)
Typical PD69101 2-pairs AF application power
dissipation
0.5W + 51 mW + 31 mW = 0.582W
Typical PD69101 2-pairs AT application power
dissipation
0.5W + 180 mW + 108 mW = 0.788W
PD69101
Electrical Specifications
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004280A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com