Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69101 Datasheet(PDF) 11 Page - Microchip Technology

Part # PD69101
Description  1-Port PSE PoE Controller Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69101 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PD69101 Datasheet HTML 7Page - Microchip Technology PD69101 Datasheet HTML 8Page - Microchip Technology PD69101 Datasheet HTML 9Page - Microchip Technology PD69101 Datasheet HTML 10Page - Microchip Technology PD69101 Datasheet HTML 11Page - Microchip Technology PD69101 Datasheet HTML 12Page - Microchip Technology PD69101 Datasheet HTML 13Page - Microchip Technology PD69101 Datasheet HTML 14Page - Microchip Technology PD69101 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
2.
Electrical Specifications
Unless otherwise specified, the following specifications apply to the operating ambient temperature (TAMB): –40 °C to
85 °C.
Table 2-1. Power Supply
Parameter
Symbol
Test
Conditions/
Comment
Minimum
Typical
Maximum
Unit
Input voltage
VMAIN
Supports full
IEEE 802.3
functionality
32
55
57
VDC
Power supply
current at
operating
mode
—
VMAIN = 55 V
—
—
10
mA
Table 2-2. Digital I/O
Parameter
Symbol
Test Conditions/Comment
Minimum
Typical
Maximum
Unit
Input logic, high threshold
VIH
—
2.2
—
—
VDC
Input logic, low threshold
VIL
—
—
—
0.8
VDC
Input hysteresis voltage
—
—
0.4
0.6
0.8
VDC
Input high current
IIH
—
–10
—
10
μA
Input low current
IIL
—
–10
—
10
μA
Output high voltage
VOH
For IOH = –1 mA
2.4
—
—
VDC
Output low voltage
VOL
IOH = 1 mA
—
—
0.4
VDC
Table 2-3. PoE Load Currents
Parameter
Symbol
Test Conditions/Comment
Minimum Typical Maximum Unit
AT, high limit mode
AT_LIM_HIGH (high
current level, for future
use)
RSENSE = 0.5 Ω 1%, connected at
Port_Sense pin
1.18
1.2
1.28
A
AT, medium limit
mode
AT_LIM_MID (medium
current level, for future
use)
847
874
919
mA
AT, low limit mode
AT_LIM_LOW
706
722
767
mA
AF, limit mode
AF_LIM
410
425
448
mA
Table 2-4. Main Power Switching FET
Parameter
Symbol
Typical
Unit
On resistance
RDSON
0.3
Ω
Internal thermal protection
threshold
—
200
°C
PD69101
Electrical Specifications
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004280A-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com