Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69101 Datasheet(PDF) 19 Page - Microchip Technology

Part # PD69101
Description  1-Port PSE PoE Controller Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69101 Datasheet(HTML) 19 Page - Microchip Technology

Back Button PD69101 Datasheet HTML 15Page - Microchip Technology PD69101 Datasheet HTML 16Page - Microchip Technology PD69101 Datasheet HTML 17Page - Microchip Technology PD69101 Datasheet HTML 18Page - Microchip Technology PD69101 Datasheet HTML 19Page - Microchip Technology PD69101 Datasheet HTML 20Page - Microchip Technology PD69101 Datasheet HTML 21Page - Microchip Technology PD69101 Datasheet HTML 22Page - Microchip Technology PD69101 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
...........continued
Status Indications
LED0 LED1 Notes
AT mode (class AT was detected)—port ON
ON
ON
—
AF mode—over-load or short
Blink
1 Hz
OFF
Blinking continues for ~2 seconds.
AT mode—over-load or short
Blink
1 Hz
Blink
1 Hz
Blinking continues for ~2 seconds.
VMAIN voltage is out of range or IC overtemperature Blink
4 Hz
OFF
Blinking continues as long as overvoltage or
overtemperature state exists.
AF mode—port OFF
OFF
ON
Useful for bi-color LED connected from LED0 to
LED1.
AT mode—port OFF
OFF
OFF
—
PD69101
Pin Descriptions
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004280A-page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com